Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4863 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4863
Description  Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4863 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4863 Datasheet HTML 4Page - National Semiconductor (TI) LM4863 Datasheet HTML 5Page - National Semiconductor (TI) LM4863 Datasheet HTML 6Page - National Semiconductor (TI) LM4863 Datasheet HTML 7Page - National Semiconductor (TI) LM4863 Datasheet HTML 8Page - National Semiconductor (TI) LM4863 Datasheet HTML 9Page - National Semiconductor (TI) LM4863 Datasheet HTML 10Page - National Semiconductor (TI) LM4863 Datasheet HTML 11Page - National Semiconductor (TI) LM4863 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Non-MTE Specific Characteristics (Continued)
Application Information
EXPOSED-DAP MOUNTING CONSIDERATIONS
The exposed-DAP must be connected to ground. The
exposed-DAP package of the LM4863MTE requires special
attention to thermal design. If thermal design issues are not
properly addressed, an LM4863MTE driving 4
Ω will go into
thermal shutdown.
The exposed-DAP on the bottom of the LM4863MTE should
be soldered down to a copper pad on the circuit board. Heat
is conducted away from the exposed-DAP by a copper
plane. If the copper plane is not on the top surface of the cir-
cuit board, 8 to 10 vias of 0.013 inches or smaller in diameter
should be used to thermally couple the exposed-DAP to the
plane. For good thermal conduction, the vias must be
plated-through and solder-filled.
The copper plane used to conduct heat away from the
exposed-DAP should be as large as pratical. If the plane is
on the same side of the circuit board as the exposed-DAP,
2.5in
2 is the minimum for 5V operation into 4
Ω. If the heat
sink plane is buried or not on the same side as the exposed-
DAP, 5in
2 is the minimum for 5V operation into 4
Ω. If the am-
bient temperature is higher than 25˚C, a larger copper plane
or
forced-air
cooling
will
be
required
to
keep
the
LM4863MTE junction temperature below the thermal shut-
down temperature (150˚C). See the power derating curve for
the LM4863MTE for derating information.
The LM4863MTE requires forced-air cooling when operating
into 3
Ω. With the part attached to 2.5in2 of exposed copper,
with a 3
Ω load, and with an ambient temperature of 25˚C,
450 linear-feet per minute kept the part out of thermal shut-
down. In higher ambient temperatures, higher airflow rates
and/or larger copper areas will be required to keep the part
out of thermal shutdown.
See DEMOBOARD CIRCUIT LAYOUT for an example of an
exposed-DAP TSSOP circuit board layout.
3
Ω &4Ω LAYOUT CONSIDERATIONS
With low impedance loads, the output power at the loads is
heavily dependent on trace resistance from the output pins
of the LM4863. Traces from the output of the LM4863MTE to
the load or load connectors should be as wide as practical.
Any resistance in the output traces will reduce the power de-
livered to the load. For example, with a 4
Ω load and 0.1Ω of
trace resistance in each output, output power at the load
drops from 2.2W to 2.0W
Output power is also dependent on supply regulation. To
keep the supply voltage from sagging under full output
power conditions, the supply traces should be as wide as
practical.
BRIDGE CONFIGURATION EXPLANATION
As shown in
Figure 1, the LM4863 has two pairs of opera-
tional amplifiers internally, allowing for a few different ampli-
fier configurations. The first amplifier’s gain is externally con-
figurable, while the second amplifier is internally fixed in a
unity-gain, inverting configuration. The closed-loop gain of
the first amplifier is set by selecting the ratio of R
f to R i while
the second amplifier’s gain is fixed by the two internal 20 k
resistors.
Figure 1 shows that the output of amplifier one
serves as the input to amplifier two which results in both am-
plifiers producing signals identical in magnitude, but out of
phase 180˚. Consequently, the differential gain for each
channel of the IC is
A
VD = 2 * (Rf/R i)
By driving the load differentially through outputs +OutA and
−OutA or +OutB and −OutB, an amplifier configuration com-
monly referred to as “bridged mode” is established. Bridged
mode operation is different from the classical single-ended
amplifier configuration where one side of its load is con-
nected to ground.
A bridge amplifier design has a few distinct advantages over
the single-ended configuration, as it provides differential
drive to the load, thus doubling the output swing for a speci-
fied supply voltage. Four times the output power is possible
as compared to a single-ended amplifier under the same
conditions. This increase in attainable output power as-
sumes that the amplifier is not current limited or clipped. In
order to choose an amplifier’s closed-loop gain without caus-
ing excessive clipping, please refer to the Audio Power Am-
plifier Design section.
A bridge configuration, such as the one used in LM4863,
also creates a second advantage over single-ended amplifi-
ers. Since the differential outputs, +OutA, −OutA, +OutB,
and −OutB, are biased at half-supply, no net DC voltage ex-
ists across the load. This eliminates the need for an output
coupling capacitor which is required in a single supply,
single-ended amplifier configuration. If an output coupling
capacitor is not used in a single-ended configuration, the
half-supply bias across the load would result in both in-
creased internal IC power dissipation as well as permanent
loudspeaker damage.
Power Supply
Rejection Ratio
DS012881-21
Open Loop
Frequency Response
DS012881-22
Supply Current vs
Supply Voltage
DS012881-23
www.national.com
8


Similar Part No. - LM4863

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
LM4863 UTC-LM4863 Datasheet
413Kb / 12P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
LM4863-D16-T UTC-LM4863-D16-T Datasheet
347Kb / 11P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
LM4863-N20-R UTC-LM4863-N20-R Datasheet
347Kb / 11P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results

Similar Description - LM4863

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4863 KINGBOR-KB4863 Datasheet
600Kb / 19P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Shenzhen Huazhimei Semi...
HM4863 HMSEMI-HM4863 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4863 UTC-PA4863 Datasheet
417Kb / 11P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
L4863 UTC-L4863_07 Datasheet
219Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
LM4863 UTC-LM4863_16 Datasheet
413Kb / 12P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4863LQ TI1-LM4863LQ Datasheet
1Mb / 28P
[Old version datasheet]   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com