Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M02097-11 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # M02097-11
Description  Temperature compensation for modulation current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M02097-11 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button M02097-11 Datasheet HTML 2Page - List of Unclassifed Manufacturers M02097-11 Datasheet HTML 3Page - List of Unclassifed Manufacturers M02097-11 Datasheet HTML 4Page - List of Unclassifed Manufacturers M02097-11 Datasheet HTML 5Page - List of Unclassifed Manufacturers M02097-11 Datasheet HTML 6Page - List of Unclassifed Manufacturers M02097-11 Datasheet HTML 7Page - List of Unclassifed Manufacturers M02097-11 Datasheet HTML 8Page - List of Unclassifed Manufacturers M02097-11 Datasheet HTML 9Page - List of Unclassifed Manufacturers M02097-11 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Product Specification
02097-DSH-001-C
Mindspeed Technologies
®
4
Preliiminary Information/Mindspeed Proprietary and Confidential
1.4
AC Characteristics
1.4.1
AC Electrical Characteristics - LED Driver
VCCT = 3.05 to 3.55V or 4.7 to 5.5V, TA = -40°C to +95°C, unless otherwise noted.
Typical values are VCC = 3.3V, IPBOUT = 4mA, IMOD = 50mA.
Table 1-5.
AC Electrical Characteristics - LED Driver
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
IMOD
Modulation current adjust range
To meet AC specifications
30
120
mAPP
IMOD(OFF) Modulation current with output
disabled
DIS = high
150
µA
Ratio of modulation current to
MODSET current
140
A/A
IMOD-TC
Programmable range for
modulation current temperature
coefficient
Adjustable using TCSLOPE
0–
104
ppm/°C
TTCSTRT
Programmable temperature at
which modulation current TC
compensation enables
Based on value set for TCSTART
-40(2)
–95
°C
tR / tF
Modulation output rise / fall
times
20% to 80%. Measured using alternating 1111-
0000 pattern at 500 Mbps; 5
Ω load with 12pF/
35
Ω between OUTP and OUTN
200
500
ps
OS
Overshoot of modulation output
Into 5
Ω load with 12pF/35Ω between OUTP and
OUTN
–10
%
RJ
Random jitter
0.8
psRMS
DJ
Modulation output deterministic
jitter
into 5
Ω load (includes pulse width distortion)
223 - 1 PRBS at 500 Mbps
–30
60
psPP
NOTES:
1.
Minimum voltage at OUTP > 0.7 V; LED forward voltage and total series resistance must be considered if output is DC coupled to LED.
2.
Default if TCSTART is floating.


Similar Part No. - M02097-11

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02097-11 MA-COM-M02097-11 Datasheet
671Kb / 21P
   3.3/5V LED Driver / Limiting Amplifier for Operation to 500 Mbps
More results

Similar Description - M02097-11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3863 MAXIM-MAX3863 Datasheet
466Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
MAX3863 MAXIM-MAX3863_V01 Datasheet
531Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
2008
logo
Murata Manufacturing Co...
NCP21XW153K03RA MURATA-NCP21XW153K03RA Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
logo
Panasonic Semiconductor
MA2Z0300AL PANASONIC-MA2Z0300AL Datasheet
231Kb / 3P
   For reduced voltage and temperature compensation
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
logo
STMicroelectronics
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
   Embedded temperature compensation
July 2016 Rev 1
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
   Embedded temperature compensation
February 2017 Rev 2
logo
Maxim Integrated Produc...
MAX78615-LMU MAXIM-MAX78615-LMU Datasheet
810Kb / 63P
   Digital Temperature Compensation
Rev 2; 1/15
logo
MKS Instruments.
230E MKS-230E Datasheet
137Kb / 2P
   Superior temperature compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com