Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M02066 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # M02066
Description  Bias and modulation current monitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M02066 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  M02066 Datasheet HTML 1Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 2Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 3Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 4Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 5Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 6Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 7Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 8Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Product Specification
02066-DSH-001-D
Mindspeed Technologies
®
3
Preliminary Information / Mindspeed Proprietary and Confidential
1.4
AC Characteristics
VCC = +3.3V ±10%, TA = -40 °C to +85 °C, unless otherwise noted.
Table 1-4.
AC Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units.
Differential input voltage
= 2 x (DIN HIGH - DIN LOW)
(clock inputs follow same relationship)
300
1860
mV
Modulation current range
2.5
85
mA
Modulation current with output disabled
DIS=HIGH
300
µA
Programmable range for modulation
current temperature coefficient
Adjustable
500
104
ppm/°C
Programmable temperature at which
modulation current TC compensation
enables
Programmed by choice of RTCSET
20
60
°C
Modulation output rise time
Modulation output fall time
20% to 80% into 25
(1)
20% to 80% into 25
90
90
ps
Overshoot of modulation output current
Into 25
Ω load
-10
+10
%
Modulation output pulse width distortion
Measured using alternating 1-0 pattern
RMODSET = 7 k
20(2)
ps
Modulation output pulse width distortion
Measured using alternating 1-0 pattern
RMODSET = 7 k
50(3)
ps
Modulation output pulse width distortion
Measured using alternating 1-0 patternRMODSET = 7
k
80(4)
ps
Modulation output random jitter
rms 12 kHz to 20 MHz
4
mUI
Total output jitter (data input latch enabled) Peak-to-peak. Measured into 25
Ω load using 1867
MHz Bessel filter: 223-1 PRBS at 2.488 Gbps; using
clock inputs (includes PWD, random and
deterministic)
——
42(2)
ps
Total output jitter (data input latch enabled) Peak-to-peak. Measured into 25
Ω load using 1867
MHz Bessel filter: 223-1 PRBS at 2.488 Gbps; using
clock inputs (includes PWD, random and
deterministic)
——
72(3)
ps
Total output jitter (data input latch enabled) Peak-to-peak. Measured into 25
Ω load using 1867
MHz Bessel filter: 223-1 PRBS at 2.488 Gbps; using
clock inputs (includes PWD, random and
deterministic)
100(4)
ps
NOTES:
(VCC = +3.3 V ±10%, TA = 40 °C to + 85 °C, unless otherwise noted)
1.
IMOD = 28 mA
2.
Applies only to the M02066-21.
3.
Applies only to the M02066-51.
4.
Applies only to the M02066-82.


Similar Part No. - M02066

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066-21 MA-COM-M02066-21 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066-21 MA-COM-M02066-21 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
M02066-51 MA-COM-M02066-51 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066-51 MA-COM-M02066-51 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results

Similar Description - M02066

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15059 MAXIM-MAX15059 Datasheet
2Mb / 15P
   76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 1; 3/10
MAX15031 MAXIM-MAX15031 Datasheet
379Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/08
MAX15031 MAXIM-MAX15031_09 Datasheet
477Kb / 17P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 2; 6/09
MAX15061 MAXIM-MAX15061 Datasheet
414Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
logo
Linear Technology
LT2940 LINER-LT2940 Datasheet
343Kb / 24P
   Power and Current Monitor
LT2940 LINER-LT2940_15 Datasheet
347Kb / 24P
   Power and Current Monitor
logo
Texas Instruments
INA190 TI1-INA190_18 Datasheet
652Kb / 31P
[Old version datasheet]   Low-Supply, High-Accuracy, Low- and High-Side Current-Shunt Monitor With Picoamp Bias Current and Enable
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Analog Devices
ADL5317 AD-ADL5317 Datasheet
547Kb / 16P
   Avalanche Photodiode Bias Controller and Wide Range (5 nA to 5 mA) Current Monitor
REV. 0
logo
Linear Technology
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com