Electronic Components Datasheet Search |
|
MGV125-20-0805-2 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MGV125-20-0805-2 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 5 page 1 1 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 1 GaAs Hyperabrupt Varactor Diodes 1.25 Constant Gamma Rev. V1 MGV125-x Series Features 0 to 22 V Tuning Voltage Tuning Ratios up to 10 Screening Available per: MIL-PRF-19500 and MIL-PRF-35834 RoHS* Compliant Also Available in 0.75 and 1.0 Constant Gamma Families: MGV075-x and MGV100-x Description The MGV series of hyperabrupt varactor diodes feature passivated mesa construction for low leakage and excellent post tuning drift. Available in three constant gamma families of 0.75, 1.0 and 1.25. These diodes will find application in tunable filters and oscillators up to 40 GHz. Optimum performance is obtained using die however packaged devices are available as well screened per MIL-PRF-19500 and MIL-PRF-38534. * Restrictions on Hazardous Substances, European Union Directive 2011/65/EU. Chip (C01A) Electrical Specifications: TA = +25°C, VB = 22 V min., IR = 100 nA max. Model Total Capacitance (pF) Tuning Ratio Q VR = 4 V, 1 MHz VR = 2 to 12 VR = 2 to 20 VR = 4 V, 50 MHz Min. Nom. Max. Min. Typ. Typ. Min. MGV125-08 0.25 0.30 0.35 4.0 5.0 10 4,000 MGV125-09 0.35 0.40 0.45 4.0 5.0 10 4,000 MGV125-20 0.45 0.50 0.55 4.0 5.0 10 4,000 MGV125-21 0.63 0.70 0.77 4.0 5.0 10 4,000 MGV125-22 0.90 1.00 1.10 4.0 5.0 10 3,000 MGV125-23 1.08 1.20 1.32 4.0 5.0 10 3,000 MGV125-24 1.35 1.50 1.65 4.0 5.0 10 3,000 MGV125-25 1.63 1.70 1.87 4.0 5.0 10 3,000 MGV125-26 1.80 2.00 2.20 4.0 5.0 10 3,000 |
Similar Part No. - MGV125-20-0805-2 |
|
Similar Description - MGV125-20-0805-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |