Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGV075-10-P55 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MGV075-10-P55
Description  Tuning Ratios up to 10
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MGV075-10-P55 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MGV075-10-P55 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MGV075-10-P55 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MGV075-10-P55 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MGV075-10-P55 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MGV075-10-P55 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
GaAs Hyperabrupt Varactor Diodes
0.75 Constant Gamma
Rev. V1
MGV075-x Series
Packaged Outline Drawings
Package Style
Capacitance @ 1 GHz
Inductance @ 1 GHz
E28 / 28X
0.08
0.40
H20
0.18
0.50
P55
0.13
0.35
0805-2
0.06
0.40


Similar Part No. - MGV075-10-P55

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
MGV04021R0M-10 LSTD-MGV04021R0M-10 Datasheet
87Kb / 1P
   this print is the property of laird tech
MGV04021R5M-10 LSTD-MGV04021R5M-10 Datasheet
86Kb / 1P
   this print is the property of laird tech
MGV04022R2M-10 LSTD-MGV04022R2M-10 Datasheet
88Kb / 1P
   this print is the property of laird tech
MGV04023R3M-10 LSTD-MGV04023R3M-10 Datasheet
86Kb / 1P
   this print is the property of laird tech
MGV0402R10M-10 LSTD-MGV0402R10M-10 Datasheet
86Kb / 1P
   this print is the property of laird tech
More results

Similar Description - MGV075-10-P55

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TK-5 MINI-TK-5 Datasheet
264Kb / 1P
   Impedance ratios from 1:1 up to 16:1
logo
Pulse A Technitrol Comp...
H1081NL PULSE-H1081NL Datasheet
83Kb / 2P
   10/100BASE-TX SINGLE PORT TRANSFORMER MODULES With Various Transmit Turns Ratios
logo
CSB Battery Co., Ltd.
GPL121000 CSB-BATTERY-GPL121000 Datasheet
533Kb / 2P
   general purpose battery up to 10
logo
C&K Components
F4UEEAU CK-COMPONENTS-F4UEEAU Datasheet
440Kb / 10P
   Up to 10 poles per module
logo
ams AG
AS8223 AMSCO-AS8223 Datasheet
74Kb / 2P
   Data transfer up to 10 Mbps
logo
List of Unclassifed Man...
219SERIES ETC1-219SERIES Datasheet
2Mb / 4P
   DPDT, up to 6PST, 10 Amps
2012
logo
STMicroelectronics
STEVAL-MKI126V2 STMICROELECTRONICS-STEVAL-MKI126V2 Datasheet
311Kb / 8P
   Up to 10 independent 32-bit user
November 2013 Rev 1
logo
CSB Battery Co., Ltd.
GPL12750 CSB-BATTERY-GPL12750 Datasheet
530Kb / 2P
   general purpose battery up to 10 years
logo
MICORO CRYSTAL SWITZERL...
MCSO6 MICROCRYSTAL-MCSO6 Datasheet
278Kb / 2P
   From 10 kHz up to 155 MHz
MCSO2 MICROCRYSTAL-MCSO2 Datasheet
319Kb / 2P
   From 10 kHz up to 225 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com