Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7493 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7493
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7493 Datasheet(HTML) 2 Page - International Rectifier

  IRF7493 Datasheet HTML 1Page - International Rectifier IRF7493 Datasheet HTML 2Page - International Rectifier IRF7493 Datasheet HTML 3Page - International Rectifier IRF7493 Datasheet HTML 4Page - International Rectifier IRF7493 Datasheet HTML 5Page - International Rectifier IRF7493 Datasheet HTML 6Page - International Rectifier IRF7493 Datasheet HTML 7Page - International Rectifier IRF7493 Datasheet HTML 8Page - International Rectifier IRF7493 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7493
2
www.irf.com
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
80
–––
–––
V
∆ΒV
DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.074
–––
mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
11.5
15
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Dynamic @ TJ = 25°C (unless otherwise specified)
gfs
Forward Transconductance
13
–––
–––
S
Qg
Total Gate Charge
–––
35
53
Qgs
Gate-to-Source Charge
–––
5.7
–––
Qgd
Gate-to-Drain Charge
–––
12
–––
td(on)
Turn-On Delay Time
–––
8.3
–––
tr
Rise Time
–––
7.5
–––
td(off)
Turn-Off Delay Time
–––
30
–––
ns
tf
Fall Time
–––
12
–––
Ciss
Input Capacitance
–––
1510
–––
Coss
Output Capacitance
–––
320
–––
pF
Crss
Reverse Transfer Capacitance
–––
130
–––
Coss
Output Capacitance
–––
1130
–––
Coss
Output Capacitance
–––
210
–––
Crss eff.
Effective Output Capacitance
–––
320
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
9.3
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
74
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
37
56
ns
Qrr
Reverse Recovery Charge
–––
52
78
nC
RG = 6.2Ω
Conditions
VGS = 10V
Max.
180
5.6
VGS = 0V, VDS = 0V to 64V
g
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 5.6A
e
TJ = 25°C, IF = 5.6A, VDD = 15V
di/dt = 100A/µs
e
TJ = 25°C, IS = 5.6A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Typ.
–––
–––
VGS = 10V
VGS = 0V
VDS = 25V
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 64V, ƒ = 1.0MHz
VDD = 40V,
e
ID = 5.6A
MOSFET symbol
VDS = VGS, ID = 250µA
VDS = 80V, VGS = 0V
VDS = 64V, VGS = 0V, TJ = 125°C
ƒ = 1.0MHz
VDS = 15V, ID = 5.6A
VDS = 40V
VGS = 20V
VGS = -20V
ID = 5.6A


Similar Part No. - IRF7493

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7493 IRF-IRF7493 Datasheet
161Kb / 9P
   High frequency DC-DC converte
IRF7493PBF IRF-IRF7493PBF Datasheet
159Kb / 9P
   HEXFET짰 Power MOSFET
IRF7493PBF IRF-IRF7493PBF Datasheet
165Kb / 9P
   High frequency DC-DC converters
IRF7493PBF-1 IRF-IRF7493PBF-1 Datasheet
224Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7493PBF-1 IRF-IRF7493PBF-1_15 Datasheet
224Kb / 9P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7493

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com