Electronic Components Datasheet Search |
|
MGPN0518-C12 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MGPN0518-C12 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 3 page GaAs PIN Diodes Rev. V1 MGPN Series 1 1 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 1 Features Nanosecond Switching Speed with Low-Cost TTL Logic Low Series Resistance No Reverse Bias Required for Low Loss RoHS* Compliant Description The MGPN GaAs PIN Diodes are a series of GaAs PIN diodes suitable for high frequency, >26 GHz, switch and high speed modulation applications. Parameters VBR VF CJ RS TL Units V mV pF Ohms ns Test Condition IR = 10 µA IF = 10 mA VR= 10 V, F = 1 MHz IF = 20 mA, F = 1 GHz IF = 10 mA IR = 6 mA Min. Typ. Typ. Typ. Max. Typ. Max. Typ. Max. MGPN0515-C12 50 68 1300 0.13 0.15 0.85 1.0 6 9 MGPN0518-C12 50 68 1300 0.16 0.18 0.75 1.0 6 9 MGPN1506-C12 150 205 1300 0.05 0.06 1.6 2.0 15 20 MGPN1504-C01A 150 205 1350 0.036 0.04 2.0 3.0 8 10 MGPN1503-C01A 150 205 1350 0.027 0.03 2.0 3.0 8 10 Electrical Characteristics, TC = +25°C Rating Limits VR Vbr IF 150 mA ƟJC 225°C/W PDISS 400 mW de-rated to zero at 150°C TJ 175°C TSTG -65°C to +200°C Tdie attach <320°C per 5 sec Electrostatic Discharge (ESD) Class 0 (Human Body Model) Absolute Maximum Ratings * Restrictions on Hazardous Substances, European Union Directive 2011/65/EU. |
Similar Part No. - MGPN0518-C12 |
|
Similar Description - MGPN0518-C12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |