Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V3559SA85BQG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT71V3559SA85BQG
Description  Synchronous ZBT SRAMs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V3559SA85BQG Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT71V3559SA85BQG Datasheet HTML 1Page - Integrated Device Technology IDT71V3559SA85BQG Datasheet HTML 2Page - Integrated Device Technology IDT71V3559SA85BQG Datasheet HTML 3Page - Integrated Device Technology IDT71V3559SA85BQG Datasheet HTML 4Page - Integrated Device Technology IDT71V3559SA85BQG Datasheet HTML 5Page - Integrated Device Technology IDT71V3559SA85BQG Datasheet HTML 6Page - Integrated Device Technology IDT71V3559SA85BQG Datasheet HTML 7Page - Integrated Device Technology IDT71V3559SA85BQG Datasheet HTML 8Page - Integrated Device Technology IDT71V3559SA85BQG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
6.42
4
IDT71V3557, IDT71V3559, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
ZBT™ Feature, 3.3V I/O, Burst Counter, and Flow-Through Outputs
Commercial and Industrial Temperature Ranges
Functional Block Diagram — 256K x 18
Recommended DC Operating
Conditions
NOTES:
1. VIL (min.) = –1.0V for pulse width less than tCYC/2, once per cycle.
2. VIH (max.) = +6.0V for pulse width less than tCYC/2, once per cycle.
Clk
D
Q
D
Q
D
Q
Control Logic
Address
Control
DI
DO
5282 drw 01a
Clock
TMS
TDI
TCK
TRST
(optional)
Address A [0:17]
CE1, CE2, CE2
R/
W
CEN
ADV/
LD
BWx
LBO
OE
Data I/O [0:15], I/O P[1:2]
Mux
Sel
Gate
256K x 18 BIT
MEMORY ARRAY
,
JTAG
TDO
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDQ
I/O Supply Voltage
3.135
3.3
3.465
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage - Inputs
2.0
____
VDD + 0.3
V
VIH
Input High Voltage - I/O
2.0
____
VDDQ + 0.3(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.8
V
5282 tbl 04


Similar Part No. - IDT71V3559SA85BQG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3559SA85BQ IDT-IDT71V3559SA85BQ Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3559SA85BQI IDT-IDT71V3559SA85BQI Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
More results

Similar Description - IDT71V3559SA85BQG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_17 Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com