Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71V2556S133PFGI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 71V2556S133PFGI
Description  3.3V Synchronous ZBT SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V2556S133PFGI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 71V2556S133PFGI Datasheet HTML 6Page - Integrated Device Technology 71V2556S133PFGI Datasheet HTML 7Page - Integrated Device Technology 71V2556S133PFGI Datasheet HTML 8Page - Integrated Device Technology 71V2556S133PFGI Datasheet HTML 9Page - Integrated Device Technology 71V2556S133PFGI Datasheet HTML 10Page - Integrated Device Technology 71V2556S133PFGI Datasheet HTML 11Page - Integrated Device Technology 71V2556S133PFGI Datasheet HTML 12Page - Integrated Device Technology 71V2556S133PFGI Datasheet HTML 13Page - Integrated Device Technology 71V2556S133PFGI Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
6.42
8
IDT71V2556, 128K x 36, 3.3V Synchronous ZBT™ SRAMs
with 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Linear Burst Sequence Table (LBO=VSS)
Interleaved Burst Sequence Table (LBO=VDD)
Functional Timing Diagram(1)
NOTES:
1. This assumes CEN, CE1, CE2, CE2 are all true.
2. All Address, Control and Data_In are only required to meet set-up and hold time with respect to the rising edge of clock. Data_Out is valid after a clock-to-data
delay from the rising edge of clock.
NOTE:
1. Upon completion of the Burst sequence the counter wraps around to its initial state and continues counting.
NOTE:
1. Upon completion of the Burst sequence the counter wraps around to its initial state and continues counting.
n+29
A29
C29
D/Q27
ADDRESS
(2)
(A0 - A16)
CONTROL
(2)
(R/W , ADV/LD , BW x)
DATA
(2)
I/O [0:31], I/O P[1:4]
CYCLE
CLOCK
n+30
A30
C30
D/Q28
n+31
A31
C31
D/Q29
n+32
A32
C32
D/Q30
n+33
A33
C33
D/Q31
n+34
A34
C34
D/Q32
n+35
A35
C35
D/Q33
n+36
A36
C36
D/Q34
n+37
A37
C37
D/Q35
4875 drw 03
,
1
e
c
n
e
u
q
e
S2
e
c
n
e
u
q
e
S3
e
c
n
e
u
q
e
S4
e
c
n
e
u
q
e
S
1
A0
A1
A0
A1
A0
A1
A0
A
s
s
e
r
d
d
A
t
s
ri
F
000
11
0
1
1
s
s
e
r
d
d
A
d
n
o
c
e
S0
1
1
0
1
1
0
0
s
s
e
r
d
d
A
d
ri
h
T
1
0
1
1
000
1
s
s
e
r
d
d
A
h
t
r
u
o
F
)
1
(
11
000
11
0
1
1
l
b
t
5
7
8
4
1
e
c
n
e
u
q
e
S2
e
c
n
e
u
q
e
S3
e
c
n
e
u
q
e
S4
e
c
n
e
u
q
e
S
1
A0
A1
A0
A1
A0
A1
A0
A
s
s
e
r
d
d
A
t
s
ri
F
000
11
0
1
1
s
s
e
r
d
d
A
d
n
o
c
e
S
0
1
0
0
111
0
s
s
e
r
d
d
A
d
ri
h
T
1
0
1
1
000
1
s
s
e
r
d
d
A
h
t
r
u
o
F
)
1
(
111
00
1
0
0
0
1
l
b
t
5
7
8
4


Similar Part No. - 71V2556S133PFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V2556S133PFGI RENESAS-71V2556S133PFGI Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
71V2556S133PFGI8 RENESAS-71V2556S133PFGI8 Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
More results

Similar Description - 71V2556S133PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Renesas Technology Corp
71V65603 RENESAS-71V65603 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com