Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71V416S15BEG Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 71V416S15BEG
Description  3.3V CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V416S15BEG Datasheet(HTML) 9 Page - Integrated Device Technology

  71V416S15BEG Datasheet HTML 1Page - Integrated Device Technology 71V416S15BEG Datasheet HTML 2Page - Integrated Device Technology 71V416S15BEG Datasheet HTML 3Page - Integrated Device Technology 71V416S15BEG Datasheet HTML 4Page - Integrated Device Technology 71V416S15BEG Datasheet HTML 5Page - Integrated Device Technology 71V416S15BEG Datasheet HTML 6Page - Integrated Device Technology 71V416S15BEG Datasheet HTML 7Page - Integrated Device Technology 71V416S15BEG Datasheet HTML 8Page - Integrated Device Technology 71V416S15BEG Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
6.42
IDT71V416S, IDT71V416L, 3.3V CMOS Static RAM
4 Meg (256K x 16-Bit)
Commercial and Industrial Temperature Ranges
9
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
15
71V416L15BE
BE48
CABGA
C
71V416L15BE8
BE48
CABGA
C
71V416L15BEG
BEG48
CABGA
C
71V416L15BEG8
BEG48
CABGA
C
71V416L15BEGI
BEG48
CABGA
I
71V416L15BEGI8
BEG48
CABGA
I
71V416L15BEI
BE48
CABGA
I
71V416L15BEI8
BE48
CABGA
I
71V416L15PHG
PHG44
TSOP
C
71V416L15PHG8
PHG44
TSOP
C
71V416L15PHGI
PHG44
TSOP
I
71V416L15PHGI8
PHG44
TSOP
I
71V416L15YGI
PBG44
SOJ
I
71V416L15YGI8
PBG44
SOJ
I
3624 tbl 12c
Orderable Part Information (con't)
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
15
71V416S15BE
BE48
CABGA
C
71V416S15BE8
BE48
CABGA
C
71V416S15BEG
BEG48
CABGA
C
71V416S15BEG8
BEG48
CABGA
C
71V416S15BEGI
BEG48
CABGA
I
71V416S15BEGI8
BEG48
CABGA
I
71V416S15BEI
BE48
CABGA
I
71V416S15BEI8
BE48
CABGA
I
71V416S15PHG
PHG44
TSOP
C
71V416S15PHG8
PHG44
TSOP
C
71V416S15PHGI
PHG44
TSOP
I
71V416S15PHGI8
PHG44
TSOP
I
71V416S15YG
PBG44
SOJ
C
71V416S15YG8
PBG44
SOJ
C
71V416S15YGI
PBG44
SOJ
I
71V416S15YGI8
PBG44
SOJ
I
3624 tbl 12d
Datasheet Document History
08/5/99
Updatedtonewformat
Pg 6
Revised footnote for tCW on Write Cycle No. 1 diagram
08/31/99
Pg. 1–9
AddedIndustrialtemperaturerangeoffering
Pg. 9
AddedDatasheetDocumentHistory
03/24/00
Pg. 6
Changed note to Write cycle No. 1 according to footnotes
08/10/00
Add 48 ball grid array package offering
Pg. 1
Correct TTL to LVTTL
09/11/ 02
Pg. 2
UpdatedTBDinformationforthe48BGACapacitancetable
11/26/02
Pg. 8
Added "Die Revision" to ordering information
07/31/03
Pg. 8
Updated note, L10 speed grade commercial temperature only and updated die stepping from YF to Y.
10/13/03
Pg. 8
Updatedorderinginformation.Referto71V416YSand71V416YLdatasheetforlatestgenerationdie
step.
01/30/04
Pg. 8
Added"Restrictedhazardoussubstancedevice"toorderinginformation
02/01/13:
Pg. 1
RemovedIDTreferencetofabrication
Pg. 8
RemoveddierevisioninformationfromtheOrderingInformation
11/18/16:
Pg. 2
Updated the orderable part numbers for all pin configurations
Added the corrected configuration title for the 48 BGA pin configuration
Reformatted SOJ/TSOP pins & labels. No change in functionality. It remains the same
Pg.4
Updated the Industrial values and the footnote references in the DC Electrical table
Pg. 5
Updated the footnote references in the AC Electrical table
Pg. 8
Updated the orderable part numbers in the Ordering Information
Pg. 8-9
Addedorderablepartinformationtables
TheIDTlogoisaregisteredtrademarkofIntegratedDeviceTechnology,Inc.
CORPORATE HEADQUARTERS
for SALES:
6024 Silver Creek Valley Road
800-345-7015 or
San Jose, CA 95138
408-284-8200
fax: 408-284-2775
www.idt.com
for Tech Support:
sramhelp@idt.com
408-284-4532


Similar Part No. - 71V416S15BEG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results

Similar Description - 71V416S15BEG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V016SA IDT-IDT71V016SA_13 Datasheet
116Kb / 9P
   3.3V CMOS Static RAM
IDT71V424S IDT-IDT71V424S Datasheet
72Kb / 9P
   3.3V CMOS Static RAM
logo
List of Unclassifed Man...
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Hitachi Semiconductor
MEJ02C2016_M5M5J167KT HITACHI-MEJ02C2016_M5M5J167KT Datasheet
154Kb / 11P
   CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M6MF16S2AVP MITSUBISHI-M6MF16S2AVP Datasheet
1Mb / 21P
   CMOS 3.3V-ONLY FLASH MEMORY & CMOS STATIC RAM STACKED-MCP
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7MMV4101 IDT-IDT7MMV4101 Datasheet
86Kb / 8P
   128K x 24 Three Megabit 3.3V CMOS Static RAM
logo
Pyramid Semiconductor C...
P3C1256 PYRAMID-P3C1256 Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com