Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPV364M4U Datasheet(PDF) 1 Page - International Rectifier

Part # CPV364M4U
Description  IGBT SIP MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CPV364M4U Datasheet(HTML) 1 Page - International Rectifier

  CPV364M4U Datasheet HTML 1Page - International Rectifier CPV364M4U Datasheet HTML 2Page - International Rectifier CPV364M4U Datasheet HTML 3Page - International Rectifier CPV364M4U Datasheet HTML 4Page - International Rectifier CPV364M4U Datasheet HTML 5Page - International Rectifier CPV364M4U Datasheet HTML 6Page - International Rectifier CPV364M4U Datasheet HTML 7Page - International Rectifier CPV364M4U Datasheet HTML 8Page - International Rectifier CPV364M4U Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current, each IGBT
20
IC @ TC = 100°C
Continuous Collector Current, each IGBT
10
ICM
Pulsed Collector Current

60
A
ILM
Clamped Inductive Load Current
‚
60
IF @ TC = 100°C
Diode Continuous Forward Current
9.3
IFM
Diode Maximum Forward Current
60
VGE
Gate-to-Emitter Voltage
±20
V
VISOL
Isolation Voltage, any terminal to case, 1 minute
2500
VRMS
PD @ TC = 25°C
Maximum Power Dissipation, each IGBT
63
W
PD @ TC = 100°C
Maximum Power Dissipation, each IGBT
25
TJ
Operating Junction and
-40 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting torque, 6-32 or M3 screw.
5-7 lbf•in (0.55-0.8 N•m)
CPV364M4U
PRELIMINARY
PD- 5041
Parameter
Typ.
Max.
Units
RθJC (IGBT)
Junction-to-Case, each IGBT, one IGBT in conduction
–––
2.0
RθJC (DIODE)
Junction-to-Case, each diode, one diode in conduction
–––
3.0
°C/W
RθCS (MODULE)
Case-to-Sink, flat, greased surface
0.10
–––
Wt
Weight of module
20 (0.7)
–––
g (oz)
UltraFast IGBT
IGBT SIP MODULE
Thermal Resistance
Features
Description
3
6
71 3
1 9
18
15
10
16
4
9
12
D1
D3
D5
D2
D4
D6
Q1
Q2
Q3
Q4
Q5
Q6
1
Output Current in a Typical 20 kHz Motor Drive
Product Summary
• Fully isolated printed circuit board mount package
• Switching-loss rating includes all "tail" losses
• HEXFRED
TM soft ultrafast diodes
• Optimized for high operating frequency (over 5kHz)
See Fig. 1 for Current vs. Frequency curve
12 ARMS per phase (3.5 kW total) with TC = 90°C, TJ = 125°C, Supply Voltage 360Vdc,
Power Factor 0.8, Modulation Depth 115% (See Figure 1)
The IGBT technology is the key to International Rectifier's advanced line of
IMS (Insulated Metal Substrate) Power Modules. These modules are more
efficient than comparable bipolar transistor modules, while at the same time
having the simpler gate-drive requirements of the familiar power MOSFET.
This superior technology has now been coupled to a state of the art materials
system that maximizes power throughput with low thermal resistance. This
package is highly suited to motor drive applications and where space is at a
premium.
Absolute Maximum Ratings
1/21/97
IMS-2


Similar Part No. - CPV364M4U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPV364M4UPBF VISHAY-CPV364M4UPBF Datasheet
280Kb / 11P
   IGBT SIP Module (Ultrafast IGBT)
Revision: 01-Sep-08
More results

Similar Description - CPV364M4U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV362M4F IRF-CPV362M4F Datasheet
283Kb / 10P
   IGBT SIP MODULE
CPV364M4F IRF-CPV364M4F Datasheet
245Kb / 10P
   IGBT SIP MODULE
logo
Vishay Siliconix
CPV362M4FPBF VISHAY-CPV362M4FPBF Datasheet
246Kb / 9P
   IGBT SIP Module
Revision: 10-Jun-15
logo
International Rectifier
CPV363M4K IRF-CPV363M4K Datasheet
176Kb / 10P
   IGBT SIP MODULE
CPV364M4K IRF-CPV364M4K Datasheet
283Kb / 10P
   IGBT SIP MODULE
CPV363M4U IRF-CPV363M4U Datasheet
275Kb / 10P
   IGBT SIP MODULE
CPV362M4F IRF-CPV362M4F Datasheet
287Kb / 10P
   IGBT SIP MODULE
CPV363M4F IRF-CPV363M4F Datasheet
269Kb / 10P
   IGBT SIP MODULE
CPV364M4KPBF IRF-CPV364M4KPBF Datasheet
304Kb / 10P
   IGBT SIP MODULE
logo
Vishay Siliconix
VS-CPV362M4FPBF VISHAY-VS-CPV362M4FPBF Datasheet
237Kb / 9P
   IGBT SIP Module (Fast IGBT)
01-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com