Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7125625PZGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 7125625PZGI
Description  CMOS Static RAM 256K (32K x 8-Bit)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7125625PZGI Datasheet(HTML) 1 Page - Integrated Device Technology

  7125625PZGI Datasheet HTML 1Page - Integrated Device Technology 7125625PZGI Datasheet HTML 2Page - Integrated Device Technology 7125625PZGI Datasheet HTML 3Page - Integrated Device Technology 7125625PZGI Datasheet HTML 4Page - Integrated Device Technology 7125625PZGI Datasheet HTML 5Page - Integrated Device Technology 7125625PZGI Datasheet HTML 6Page - Integrated Device Technology 7125625PZGI Datasheet HTML 7Page - Integrated Device Technology 7125625PZGI Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NOVEMBER2014
DSC-2948/11
1
©2014 Integrated Device Technology, Inc.
Features
32K x 8 advanced high-speed CMOS static RAM
Commercial (0° to 70°C) and Industrial (-40° to 85°C)
temperature options
Equal access and cycle times
– Commercial: 12ns
– Commercial and Industrial: 15/20/25ns
One Chip Select plus one Output Enable pin
Bidirectional data inputs and outputs directly
TTL-compatible
Low power consumption via chip deselect
Commercial product available in 28-pin 300-mil Plastic DIP,
300 mil Plastic SOJ and TSOP packages
Industrial product available in 28-pin 300 mil Plastic SOJ
and TSOP packages
Description
The IDT71256SA is a 262,144-bit high-speed Static RAM
organized as 32K x 8. It is fabricated using high-performance, high-
reliability CMOS technology. This state-of-the-art technology, com-
bined with innovative circuit design techniques, provides a cost-
effective
solution
for
high-speed
memory
needs.
The IDT71256SA has an output enable pin which operates as fast
as 6ns, with address access times as fast as 12ns. All bidirectional
inputs and outputs of the IDT71256SA are TTL-compatible and
operation is from a single 5V supply. Fully static asynchronous
circuitry is used, requiring no clocks or refresh for operation.
The IDT71256SA is packaged in 28-pin 300-mil Plastic DIP, 28-
pin 300 mil Plastic SOJ and TSOP.
Functional Block Diagram
CMOS Static RAM
256K (32K x 8-Bit)
IDT71256SA
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
I/O0- I/O7
CS
WE
OE
8
8
CONTROL
LOGIC
I/O CONTROL
262,144-BIT
MEMORY
ARRAY
ADDRESS
DECODER
2948 drw 01
,


Similar Part No. - 7125625PZGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71256L20YGI8 IDT-71256L20YGI8 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Integrated Device Techn...
71256L25YGI8 IDT-71256L25YGI8 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
71256L35YGI8 IDT-71256L35YGI8 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
More results

Similar Description - 7125625PZGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
logo
Integrated Device Techn...
IDT71256S IDT-IDT71256S Datasheet
78Kb / 9P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA70 IDT-IDT71256SA70 Datasheet
62Kb / 6P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA20PZI IDT-IDT71256SA20PZI Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
71256SA20TPG IDT-71256SA20TPG Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256S IDT-IDT71256S_14 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com