Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71V416S12PHG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 71V416S12PHG
Description  3.3V CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V416S12PHG Datasheet(HTML) 1 Page - Integrated Device Technology

  71V416S12PHG Datasheet HTML 1Page - Integrated Device Technology 71V416S12PHG Datasheet HTML 2Page - Integrated Device Technology 71V416S12PHG Datasheet HTML 3Page - Integrated Device Technology 71V416S12PHG Datasheet HTML 4Page - Integrated Device Technology 71V416S12PHG Datasheet HTML 5Page - Integrated Device Technology 71V416S12PHG Datasheet HTML 6Page - Integrated Device Technology 71V416S12PHG Datasheet HTML 7Page - Integrated Device Technology 71V416S12PHG Datasheet HTML 8Page - Integrated Device Technology 71V416S12PHG Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NOVEMBER 2016
DSC-3624/11
1
©2016 Integrated Device Technology, Inc.
Features
256K x 16 advanced high-speed CMOS Static RAM
JEDEC Center Power / GND pinout for reduced noise.
Equal access and cycle times
– Commercial and Industrial: 10/12/15ns
One Chip Select plus one Output Enable pin
Bidirectional data inputs and outputs directly
LVTTL-compatible
Low power consumption via chip deselect
Upper and Lower Byte Enable Pins
Single 3.3V power supply
Available in 44-pin, 400 mil plastic SOJ package and a 44-
pin, 400 mil TSOP Type II package and a 48 ball grid array,
9mmx9mmpackage.
Green parts available, see ordering information
Description
TheIDT71V416isa4,194,304-bithigh-speedStaticRAMorganized
as 256K x 16. It is fabricated using high-performance, high-reliability
CMOStechnology.Thisstate-of-the-arttechnology,combinedwithinno-
vativecircuitdesigntechniques,providesacost-effectivesolutionforhigh-
speed memory needs.
The IDT71V416 has an output enable pin which operates as fast as
5ns,withaddressaccesstimesasfastas10ns.Allbidirectionalinputsand
outputsoftheIDT71V416areLVTTL-compatibleandoperationisfroma
single3.3Vsupply.Fullystaticasynchronouscircuitryisused,requiring
no clocks or refresh for operation.
The IDT71V416 is packaged in a 44-pin, 400 mil Plastic SOJ and a
44-pin, 400 mil TSOP Type II package and a 48 ball grid array, 9mm x
9mmpackage.
Functional Block Diagram
Output
Enable
Buffer
Address
Buffers
Chip
Select
Buffer
Write
Enable
Buffer
Byte
Enable
Buffers
OE
A0 - A17
Row / Column
Decoders
CS
WE
BHE
BLE
4,194,304-bit
Memory
Array
Sense
Amps
and
Write
Drivers
16
High
Byte
Output
Buffer
High
Byte
Write
Buffer
Low
Byte
Write
Buffer
Low
Byte
Output
Buffer
8
8
8
8
8
8
8
8
I/O 15
I/O 8
I/O 7
I/O 0
3624 drw 01
3.3V CMOS Static RAM
4 Meg (256K x 16-Bit)
IDT71V416S
IDT71V416L


Similar Part No. - 71V416S12PHG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V416S10YGI8 IDT-71V416S10YGI8 Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Single 3.3V power supply
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results

Similar Description - 71V416S12PHG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V016SA IDT-IDT71V016SA_13 Datasheet
116Kb / 9P
   3.3V CMOS Static RAM
IDT71V424S IDT-IDT71V424S Datasheet
72Kb / 9P
   3.3V CMOS Static RAM
logo
List of Unclassifed Man...
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Hitachi Semiconductor
MEJ02C2016_M5M5J167KT HITACHI-MEJ02C2016_M5M5J167KT Datasheet
154Kb / 11P
   CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M6MF16S2AVP MITSUBISHI-M6MF16S2AVP Datasheet
1Mb / 21P
   CMOS 3.3V-ONLY FLASH MEMORY & CMOS STATIC RAM STACKED-MCP
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7MMV4101 IDT-IDT7MMV4101 Datasheet
86Kb / 8P
   128K x 24 Three Megabit 3.3V CMOS Static RAM
logo
Pyramid Semiconductor C...
P3C1256 PYRAMID-P3C1256 Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com