Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71V65803Z100BGGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 71V65803Z100BGGI
Description  3.3V Synchronous ZBT SRAMs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V65803Z100BGGI Datasheet(HTML) 1 Page - Integrated Device Technology

  71V65803Z100BGGI Datasheet HTML 1Page - Integrated Device Technology 71V65803Z100BGGI Datasheet HTML 2Page - Integrated Device Technology 71V65803Z100BGGI Datasheet HTML 3Page - Integrated Device Technology 71V65803Z100BGGI Datasheet HTML 4Page - Integrated Device Technology 71V65803Z100BGGI Datasheet HTML 5Page - Integrated Device Technology 71V65803Z100BGGI Datasheet HTML 6Page - Integrated Device Technology 71V65803Z100BGGI Datasheet HTML 7Page - Integrated Device Technology 71V65803Z100BGGI Datasheet HTML 8Page - Integrated Device Technology 71V65803Z100BGGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
OCTOBER 2008
DSC-5304/08
1
©2008 Integrated Device Technology, Inc.
Pin Description Summary
Description
The IDT71V65603/5803 are 3.3V high-speed 9,437,184-bit
(9Megabit)synchronousSRAMS.Theyaredesignedtoeliminatedeadbus
cycleswhenturningthebusaroundbetweenreadsandwrites,orwritesand
reads. Thus, they have been given the name ZBTTM, or Zero Bus Turn-
around.
Features
256K x 36, 512K x 18 memory configurations
Supports high performance system speed - 150MHz
(3.8ns Clock-to-Data Access)
ZBTTM Feature - No dead cycles between write and read cycles
Internally synchronized output buffer enable eliminates the
need to control OE
Single R/W (READ/WRITE) control pin
Positive clock-edge triggered address, data, and control signal
registers for fully pipelined applications
4-word burst capability (interleaved or linear)
Individual byte write (BW1 - BW4) control (May tie active)
Three chip enables for simple depth expansion
3.3V power supply (±5%)
3.3V I/O Supply (VDDQ)
Power down controlled by ZZ input
Packaged in a JEDEC standard 100-pin plastic thin quad
flatpack (TQFP), 119 ball grid array (BGA) and 165 fine pitch
ball grid array(fBGA).
A0-A18
Address Inputs
Input
Synchronous
CE1
, CE2, CE2
Chip Enables
Input
Synchronous
OE
Output Enable
Input
Asynchronous
R/W
Read/Write Signal
Input
Synchronous
CEN
Clock Enable
Input
Synchronous
BW1
, BW2, BW3, BW4
Individual Byte Write Selects
Input
Synchronous
CLK
Clock
Input
N/A
ADV/LD
Advance burst address / Load new address
Input
Synchronous
LBO
Linear / Interleaved Burst Order
Input
Static
ZZ
Sleep Mode
Input
Asynchronous
I/O0-I/O31, I/OP1-I/OP4
Data Input / Output
I/O
Synchronous
VDD, VDDQ
Core Power, I/O Power
Supply
Static
VSS
Ground
Supply
Static
5304 tbl 01
256K x 36, 512K x 18
3.3V Synchronous ZBT™ SRAMs
ZBT™ Feature
3.3V I/O, Burst Counter
Pipelined Outputs
IDT71V65603/Z
IDT71V65803/Z
AddressandcontrolsignalsareappliedtotheSRAMduringoneclock
cycle,andtwocycleslatertheassociateddatacycleoccurs,beitreadorwrite.
TheIDT71V65603/5803containdataI/O,addressandcontrolsignal
registers.Outputenableistheonlyasynchronoussignalandcanbeused
to disable the outputs at any given time.
A Clock Enable (CEN) pin allows operation of the IDT71V65603/5803
tobesuspendedaslongasnecessary.Allsynchronousinputsareignored
when(CEN)ishighandtheinternaldeviceregisterswillholdtheirprevious
values.
There are three chip enable pins (CE1, CE2, CE2) that allow the user
to deselect the device when desired. If any one of these three are not
asserted when ADV/LD is low, no new memory operation can be
initiated. However, any pending data transfers (reads or writes) will be
completed. The data bus will tri-state two cycles after chip is deselected
or a write is initiated.
The IDT71V65603/5803 have an on-chip burst counter. In the burst
mode, the IDT71V65603/5803 can provide four cycles of data for a
single address presented to the SRAM. The order of the burst
sequence is defined by the LBO input pin. The LBO pin selects
between linear and interleaved burst sequence. The ADV/LD signal is
used to load a new external address (ADV/LD = LOW) or increment
the internal burst counter (ADV/LD = HIGH).
The IDT71V65603/5803 SRAM utilize IDT's latest high-performance
CMOS process, and are packaged in a JEDEC Standard 14mm x 20mm
100-pin thin plastic quad flatpack (TQFP) as well as a 119 ball grid array
(BGA) and 165 fine pitch ball grid array (fBGA) .
ZBT and Zero Bus Turnaround are trademarks of Integrated Device Technology, Inc. and the architecture is supported by Micron Technology and Motorola, Inc.


Similar Part No. - 71V65803Z100BGGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V65803 RENESAS-71V65803 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
71V65803S100BG RENESAS-71V65803S100BG Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
71V65803S100BG8 RENESAS-71V65803S100BG8 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
71V65803S100BGG RENESAS-71V65803S100BGG Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
71V65803S100BGG8 RENESAS-71V65803S100BGG8 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
More results

Similar Description - 71V65803Z100BGGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Renesas Technology Corp
71V65603 RENESAS-71V65603 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com