Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71V2546XS133BGG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 71V2546XS133BGG
Description  3.3V Synchronous ZBT SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V2546XS133BGG Datasheet(HTML) 1 Page - Integrated Device Technology

  71V2546XS133BGG Datasheet HTML 1Page - Integrated Device Technology 71V2546XS133BGG Datasheet HTML 2Page - Integrated Device Technology 71V2546XS133BGG Datasheet HTML 3Page - Integrated Device Technology 71V2546XS133BGG Datasheet HTML 4Page - Integrated Device Technology 71V2546XS133BGG Datasheet HTML 5Page - Integrated Device Technology 71V2546XS133BGG Datasheet HTML 6Page - Integrated Device Technology 71V2546XS133BGG Datasheet HTML 7Page - Integrated Device Technology 71V2546XS133BGG Datasheet HTML 8Page - Integrated Device Technology 71V2546XS133BGG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
APRIL 2011
DSC-5294/07
1
©2011 Integrated Device Technology, Inc.
Pin Description Summary
Description
The IDT71V2546 is a 3.3V high-speed 4,718,592-bit (4.5 Megabit)
synchronous SRAM. It is designed to eliminate dead bus cycles when
turning the bus around between reads and writes, or writes and reads.
Thus, they have been given the name ZBTTM, or Zero Bus Turnaround.
Features
128K x 36 memory configurations
Supports high performance system speed - 150 MHz
(3.8 ns Clock-to-Data Access)
ZBTTM Feature - No dead cycles between write and read
cycles
Internally synchronized output buffer enable eliminates the
need to control OE
Single R/W (READ/WRITE) control pin
Positive clock-edge triggered address, data, and control
signal registers for fully pipelined applications
4-word burst capability (interleaved or linear)
Individual byte write (BW1 - BW4) control (May tie active)
Three chip enables for simple depth expansion
3.3V power supply (±5%), 2.5V I/O Supply (VDDQ)
Packaged in a JEDEC standard 100-pin plastic thin quad
flatpack (TQFP) and 119 ball grid array (BGA)
IDT71V2546S/XS
128K x 36
3.3V Synchronous ZBT™ SRAM
2.5V I/O, Burst Counter
Pipelined Outputs
AddressandcontrolsignalsareappliedtotheSRAMduringoneclock
cycle, and two cycles later the associated data cycle occurs, be it read
or write.
The IDT71V2546 contains data I/O, address and control signal
registers.Outputenableistheonlyasynchronoussignalandcanbeused
todisabletheoutputsatanygiventime.
AClockEnable(CEN)pinallowsoperationoftheIDT71V2546tobe
suspended as long as necessary. All synchronous inputs are ignored
when(CEN)ishighandtheinternaldeviceregisterswillholdtheirprevious
values.
Therearethreechipenablepins(CE1,CE2, CE2)thatallowtheuser
to deselect the device when desired. If any one of these three are not
assertedwhenADV/LDislow,nonewmemoryoperationcanbeinitiated.
However,anypendingdatatransfers(readsorwrites)willbecompleted.
The data bus will tri-state two cycles after chip is deselected or a write is
initiated.
TheIDT71V2546hasanon-chipburstcounter.Intheburstmode,the
IDT71V2546 can provide four cycles of data for a single address
presentedtotheSRAM.Theorderoftheburstsequenceisdefinedbythe
LBO
inputpin.TheLBOpinselectsbetweenlinearandinterleavedburst
sequence. The ADV/LD signal is used to load a new external address
(ADV/LD = LOW) or increment the internal burst counter (ADV/LD =
HIGH).
TheIDT71V2546SRAMutilizeIDT's latesthigh-performanceCMOS
process and is packaged in a JEDEC standard 14mm x 20mm 100-pin
thin plastic quad flatpack (TQFP) as well as a 119 ball grid array (BGA).
A0 A
- 6
1
s
t
u
p
n
I
s
s
e
r
d
d
A
t
u
p
n
Is
u
o
n
o
r
h
c
n
y
S
E
C 1
E
C
,
2
,
E
C 2
s
e
l
b
a
n
E
p
i
h
C
t
u
p
n
Is
u
o
n
o
r
h
c
n
y
S
E
O
e
l
b
a
n
E
t
u
p
t
u
O
t
u
p
n
Is
u
o
n
o
r
h
c
n
y
s
A
/
R
W
l
a
n
g
i
S
e
ti
r
W
/
d
a
e
R
t
u
p
n
Is
u
o
n
o
r
h
c
n
y
S
N
E
C
e
l
b
a
n
E
k
c
o
l
C
t
u
p
n
Is
u
o
n
o
r
h
c
n
y
S
W
B 1, W
B 2, W
B 3, W
B 4
s
t
c
e
l
e
S
e
ti
r
W
e
t
y
B
l
a
u
d
i
v
i
d
n
I
t
u
p
n
Is
u
o
n
o
r
h
c
n
y
S
K
L
Ck
c
o
l
C
t
u
p
n
IA
/
N
/
V
D
A
D
L
s
s
e
r
d
d
a
w
e
n
d
a
o
L
/
s
s
e
r
d
d
a
t
s
r
u
b
e
c
n
a
v
d
A
t
u
p
n
Is
u
o
n
o
r
h
c
n
y
S
O
B
L
r
e
d
r
O
t
s
r
u
B
d
e
v
a
e
lr
e
t
n
I
/
r
a
e
n
i
L
t
u
p
n
Ic
it
a
t
S
Z
Ze
d
o
M
p
e
e
l
S
t
u
p
n
Is
u
o
n
o
r
h
c
n
y
S
O
/I 0 O
/I
-
1
3
O
/I
,
1
P
O
/I
-
4
P
t
u
p
t
u
O
/
t
u
p
n
I
a
t
a
D
O
/Is
u
o
n
o
r
h
c
n
y
S
V D
D
V
,
Q
D
D
r
e
w
o
P
O
/I
,r
e
w
o
P
e
r
o
C
y
l
p
p
u
Sc
it
a
t
S
V S
S
d
n
u
o
r
G
y
l
p
p
u
Sc
it
a
t
S
1
0
l
b
t
4
9
2
5


Similar Part No. - 71V2546XS133BGG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V2546S RENESAS-71V2546S Datasheet
279Kb / 22P
   128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs
Aug.12.20
71V2546S100BG RENESAS-71V2546S100BG Datasheet
279Kb / 22P
   128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs
Aug.12.20
71V2546S100BG8 RENESAS-71V2546S100BG8 Datasheet
279Kb / 22P
   128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs
Aug.12.20
71V2546S100BGI RENESAS-71V2546S100BGI Datasheet
279Kb / 22P
   128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs
Aug.12.20
71V2546S100BGI8 RENESAS-71V2546S100BGI8 Datasheet
279Kb / 22P
   128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs
Aug.12.20
More results

Similar Description - 71V2546XS133BGG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V3548S IDT-IDT71V3548S Datasheet
490Kb / 26P
   256K x 18 3.3V Synchronous ZBT SRAM 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V546S IDT-IDT71V546S_08 Datasheet
164Kb / 21P
   3.3V Synchronous SRAM
logo
Micron Technology
MT55L512L18P-1 MICRON-MT55L512L18P-1 Datasheet
497Kb / 30P
   8Mb ZBT SRAM
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
logo
Integrated Device Techn...
71V546S133PFG IDT-71V546S133PFG Datasheet
1,003Kb / 21P
   128K x 36, 3.3V Synchronous SRAM with ZBT??Feature, Burst Counter and Pipelined Outputs
IDT71V546 IDT-IDT71V546 Datasheet
178Kb / 20P
   128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com