Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

723676L15PFG Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 723676L15PFG
Description  CMOS TRIPLE BUS SyncFIFO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

723676L15PFG Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 723676L15PFG Datasheet HTML 6Page - Integrated Device Technology 723676L15PFG Datasheet HTML 7Page - Integrated Device Technology 723676L15PFG Datasheet HTML 8Page - Integrated Device Technology 723676L15PFG Datasheet HTML 9Page - Integrated Device Technology 723676L15PFG Datasheet HTML 10Page - Integrated Device Technology 723676L15PFG Datasheet HTML 11Page - Integrated Device Technology 723676L15PFG Datasheet HTML 12Page - Integrated Device Technology 723676L15PFG Datasheet HTML 13Page - Integrated Device Technology 723676L15PFG Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
IDT723656/723666/723676 CMOS TRIPLE BUS SyncFIFOTM WITH
BUS MATCHING 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIALTEMPERATURERANGE
SWITCHING CHARACTERISTICS OVER RECOMMENDED RANGES OF SUPPLY
VOLTAGE AND OPERATING FREE-AIR TEMPERATURE, CL = 30PF
Commercial
IDT723656L12
IDT723656L15
IDT723666L12
IDT723666L15
IDT723676L12
IDT723676L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tA
Access Time, CLKA
↑ toA0-A35andCLKB↑ toB0-B17
2
8
2
10
ns
tWFF
Propagation Delay Time, CLKA
↑ to FFA/IRA and CLKC↑ to FFC/IRC
2
8
2
8
ns
tREF
Propagation Delay Time, CLKA
↑ to EFA/ORA and CLKB↑ to EFB/ORB
1
8
1
8
ns
tPAE
Propagation Delay Time, CLKA
↑ to AEA and CLKB↑ to AEB
1
818
ns
tPAF
Propagation Delay Time, CLKA
↑ to AFA and CLKC↑ to AFC
1
818
ns
tPMF
Propagation Delay Time, CLKA
↑ to MBF1 LOW or MBF2 HIGH, CLKB↑ to MBF1
0
808
ns
HIGH, and CLKC
↑ to MBF2 LOW
tPMR
Propagation Delay Time, CLKA
↑ to B0-B17(1)and CLKC↑ to A0-A35(2)
28
2
10
ns
tMDV
Propagation Delay Time, MBA to A0-A35 valid and MBB to B0-B17 valid
2
8
2
10
ns
tRSF
Propagation Delay Time,
MRS1 or PRS1 LOW to AEB LOW, AFA HIGH, and MBF1
1
10115
ns
HIGH and
MRS2 or PRS2 LOW to AEA LOW, AFC HIGH, and MBF2 HIGH
tEN
Enable Time,
CSA or W/RA LOW to A0-A35 Active and CSB LOW to B0-B17 Active
2
6
2
10
ns
tDIS
Disable Time,
CSA or W/RA HIGH to A0-A35 at high impedance and CSB HIGH
1
6
1
8
ns
to B0-B17 at HIGH impedance
NOTES:
1. Writing data to the mail1 register when the B0-B17 outputs are active and MBB is HIGH.
2. Writing data to the mail2 register when the A0-A35 outputs are active and MBA is HIGH.
3. Industrial temperature range is available by special order.
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C)


Similar Part No. - 723676L15PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
723676L15PFG RENESAS-723676L15PFG Datasheet
797Kb / 40P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
More results

Similar Description - 723676L15PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723626 IDT-IDT723626_14 Datasheet
510Kb / 35P
   CMOS TRIPLE BUS SyncFIFO
IDT723626 IDT-IDT723626 Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
IDT723653 IDT-IDT723653 Datasheet
323Kb / 29P
   CMOS SyncFIFO WITH BUS-MATCHING
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com