Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21235-34 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # M21235-34
Description  Distribution Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21235-34 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  M21235-34 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21235-34 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M21235-34 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M21235-34 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M21235-34 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21235-34 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21235-34 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21235-34 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21235-34 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M21235-34
5
Wideband (HD/SD-SDI) Auto-rate Reclocker w/4:1 Selector
Rev V1
1.0 Product Specifications
1.1
General Specifications
Table 1-1.
Absolute Maximum Ratings
Symbol
Item
Minimum
Maximum
Units
DVDD
Digital I/O Power
VSS-0.5
VSS + 3.6
V
AVDD
Analog I/O Power
VSS-0.5
VSS + 3.6
V
TSTORE
Storage Temperature
65
+150
C
ESDHBML
Human Body Model (low-speed)
2000
V
ESDHBMH
Human Body Model (high-speed)
2000
V
ESDCDM
Charge Device Model
500
V
IDC
Maximum DC Input Current
25
mA
NOTE:
1.
No Damage
Table 1-2.
Recommended Operating Conditions
Symbol
Parameter
Notes
Minimum
Typical
Maximum
Units
AVDD
AVDD: Analog Power
2.375
2.5/3.3
3.47
V
DVDD
DVDD: Digital Power
2.375
2.5/3.3
3.47
V
VSS
VSS: Chip Ground
0
V
TAMB
Ambient Temperature
1
-10
+85
C
JA
Junction to ambient Thermal Resistance
1
29.4
C/W
NOTES:
1.
Soldered on multilayer board (
4 layers), airflow = 0.0 m/s.


Similar Part No. - M21235-34

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21235 MA-COM-M21235 Datasheet
489Kb / 2P
   HD/SD Broadcast Video Multi-rate Automatic Reclocker
More results

Similar Description - M21235-34

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4135 MAXIM-MAX4135 Datasheet
113Kb / 12P
   1-Input/6-Output Video Distribution Amplifiers
19-1092; Rev 0; 6/96
MAX4137 MAXIM-MAX4137 Datasheet
109Kb / 12P
   1-Input/4-Output Video Distribution Amplifiers
Rev 0; 6/96
logo
STANLEY ELECTRIC CO.,LT...
THB3801C STANLEY-THB3801C Datasheet
477Kb / 19P
   Spatial distribution
logo
List of Unclassifed Man...
3-553079-1 ETC2-3-553079-1 Datasheet
78Kb / 1P
   POWER DISTRIBUTION
logo
Texas Instruments
TPS2010 TI1-TPS2010_16 Datasheet
940Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
TPS2010 TI-TPS2010 Datasheet
366Kb / 17P
[Old version datasheet]   POWER-DISTRIBUTION
TPS2012DR TI1-TPS2012DR Datasheet
720Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
logo
STANLEY ELECTRIC CO.,LT...
AN3803X-4B0 STANLEY-AN3803X-4B0 Datasheet
857Kb / 11P
   Narrow Distribution
AN5307B STANLEY-AN5307B Datasheet
765Kb / 11P
   Wide Distribution
PS1102HA STANLEY-PS1102HA Datasheet
192Kb / 10P
   Wide Distribution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com