Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V3558XS166BQGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT71V3558XS166BQGI
Description  3.3V Synchronous ZBT SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V3558XS166BQGI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT71V3558XS166BQGI Datasheet HTML 1Page - Integrated Device Technology IDT71V3558XS166BQGI Datasheet HTML 2Page - Integrated Device Technology IDT71V3558XS166BQGI Datasheet HTML 3Page - Integrated Device Technology IDT71V3558XS166BQGI Datasheet HTML 4Page - Integrated Device Technology IDT71V3558XS166BQGI Datasheet HTML 5Page - Integrated Device Technology IDT71V3558XS166BQGI Datasheet HTML 6Page - Integrated Device Technology IDT71V3558XS166BQGI Datasheet HTML 7Page - Integrated Device Technology IDT71V3558XS166BQGI Datasheet HTML 8Page - Integrated Device Technology IDT71V3558XS166BQGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
JANUARY 2015
DSC-5281/12
1
2015 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
©
Pin Description Summary
Description
TheIDT71V3556/58are3.3Vhigh-speed4,718,592-bit(4.5Mega-
bit) synchronous SRAMS. They are designed to eliminate dead bus
cycles when turning the bus around between reads and writes, or
writes and reads. Thus, they have been given the name ZBTTM, or
Zero Bus Turnaround.
Address and control signals are applied to the SRAM during one
clock cycle, and two cycles later the associated data cycle occurs, be
it read or write.
The IDT71V3556/58 contain data I/O, address and control signal
registers. Output enable is the only asynchronous signal and can be
used to disable the outputs at any given time.
A Clock Enable (CEN) pin allows operation of the IDT71V3556/58
to be suspended as long as necessary. All synchronous inputs are
ignored when (CEN) is high and the internal device registers will hold
their previous values.
There are three chip enable pins (CE1, CE2, CE2) that allow the
user to deselect the device when desired. If any one of these three are
not asserted when ADV/LD is low, no new memory operation can be
initiated. However, any pending data transfers (reads or writes) will be
completed.Thedatabuswilltri-statetwocyclesafterchipisdeselected
or a write is initiated.
Features
128K x 36, 256K x 18 memory configurations
Supports high performance system speed - 200 MHz (x18)
(3.2 ns Clock-to-Data Access)
Supports high performance system speed - 166 MHz (x36)
(3.5 ns Clock-to-Data Access)
ZBTTM Feature - No dead cycles between write and read
cycles
Internally synchronized output buffer enable eliminates the
need to control OE
Single R/W (READ/WRITE) control pin
Positive clock-edge triggered address, data, and control
signal registers for fully pipelined applications
4-word burst capability (interleaved or linear)
Individual byte write (BW1 - BW4) control (May tie active)
Three chip enables for simple depth expansion
3.3V power supply (±5%), 3.3V I/O Supply (VDDQ)
Optional- Boundary Scan JTAG Interface (IEEE 1149.1
compliant)
Packaged in a JEDEC standard 100-pin plastic thin quad
flatpack (TQFP), 119 ball grid array (BGA) and 165 fine pitch
ball grid array (fBGA)
A0-A17
Address Inputs
Input
Synchronous
CE1
, CE2, CE2
Chip Enables
Input
Synchronous
OE
Output Enable
Input
Asynchronous
R/W
Read/Write Signal
Input
Synchronous
CEN
Clock Enable
Input
Synchronous
BW1
, BW2, BW3, BW4
Individual Byte Write Selects
Input
Synchronous
CLK
Clock
Input
N/A
ADV/LD
Advance burst address / Load new address
Input
Synchronous
LBO
Linear / Interleaved Burst Order
Input
Static
TMS
Test Mode Select
Input
Synchronous
TDI
Test Data Input
Input
Synchronous
TCK
Test Clock
Input
N/A
TDO
Test Data Output
Output
Synchronous
TRST
JTAG Reset (Optional)
Input
Asynchronous
ZZ
Sleep Mode
Input
Synchronous
I/O0-I/O31, I/OP1-I/OP4
Data Input / Output
I/O
Synchronous
VDD, VDDQ
Core Power, I/O Power
Supply
Static
VSS
Ground
Supply
Static
5281 tbl 01
IDT71V3556S/XS
IDT71V3558S/XS
IDT71V3556SA/XSA
IDT71V3558SA/XSA
128K x 36, 256K x 18
3.3V Synchronous ZBT SRAMs
3.3V I/O, Burst Counter
Pipelined Outputs


Similar Part No. - IDT71V3558XS166BQGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V3557S IDT-IDT71V3557S Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S IDT-IDT71V3557S Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V3557S75BG IDT-IDT71V3557S75BG Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S75BGG IDT-IDT71V3557S75BGG Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
More results

Similar Description - IDT71V3558XS166BQGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Renesas Technology Corp
71V65603 RENESAS-71V65603 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com