Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V3558XSA133BQGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT71V3558XSA133BQGI
Description  3.3V Synchronous ZBT SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V3558XSA133BQGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT71V3558XSA133BQGI Datasheet HTML 2Page - Integrated Device Technology IDT71V3558XSA133BQGI Datasheet HTML 3Page - Integrated Device Technology IDT71V3558XSA133BQGI Datasheet HTML 4Page - Integrated Device Technology IDT71V3558XSA133BQGI Datasheet HTML 5Page - Integrated Device Technology IDT71V3558XSA133BQGI Datasheet HTML 6Page - Integrated Device Technology IDT71V3558XSA133BQGI Datasheet HTML 7Page - Integrated Device Technology IDT71V3558XSA133BQGI Datasheet HTML 8Page - Integrated Device Technology IDT71V3558XSA133BQGI Datasheet HTML 9Page - Integrated Device Technology IDT71V3558XSA133BQGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6.42
6
IDT71V3556, IDT71V3558, 128K x 36, 256K x 18, 3.3V Synchronous SRAMS with
ZBT
™ Feature, 3.3V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Absolute Maximum Ratings (1)
Pin Configuration - 256K x 18
100 Pin TQFP Capacitance(1)
(TA = +25° C, f = 1.0MHz)
NOTES:
1. Pins 14, 16 and 66 do not have to be connected directly to VDD as long as the
input voltage is
≥ VIH.
2. Pins 83 and 84 are reserved for future 8M and 16M respectively.
3. Pin 64 does not have to be connected directly to VSS as long as the input
voltage is
≤ VIL; on the latest die revision this pin supports ZZ (sleep mode).
Top View
100 TQFP
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VDD terminals only.
3. VDDQ terminals only.
4. Input terminals only.
5. I/O terminals only.
6. This is a steady-state DC parameter that applies after the power supply has
reached its nominal operating value. Power sequencing is not necessary; however,
the voltage on any input or I/O pin cannot exceed VDDQ during power supply ramp
up.
7. TA is the "instant on" case temperature.
NOTE:
1. This parameter is guaranteed by device characterization, but not production tested.
Symbol
Rating
Commercial &
Industrial Values
Unit
VTERM(2)
Terminal Voltage with
Respect to GND
-0.5 to +4.6
V
VTERM(3,6)
Terminal Voltage with
Respect to GND
-0.5 to VDD
V
VTERM(4,6)
Terminal Voltage with
Respect to GND
-0.5 to VDD +0.5
V
VTERM(5,6)
Terminal Voltage with
Respect to GND
-0.5 to VDDQ +0.5
V
TA(7)
Commercial
Operating Temperature
-0 to +70
o
C
Industrial
Operating Temperature
-40 to +85
o
C
TBIAS
Temperature
Under Bias
-55 to +125
o
C
TSTG
Storage
Temperature
-55 to +125
o
C
PT
Power Dissipation
2.0
W
IOUT
DC Output Current
50
mA
5281 tbl 06
100 9998 979695 94 9392 91 90
87 8685 8483 82 81
89 88
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
NC
NC
VDDQ
VSS
NC
I/OP2
I/O15
I/O14
VSS
VDDQ
I/O13
I/O12
VSS
VDD
I/O11
I/O10
VDDQ
VSS
I/O9
I/O8
NC
NC
VSS
VDDQ
NC
NC
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
NC
VDDQ
VSS
NC
I/OP1
I/O7
I/O6
VSS
VDDQ
I/O5
I/O4
VSS
VDD
I/O3
I/O2
VDDQ
VSS
I/O1
I/O0
NC
NC
VSS
VDDQ
NC
NC
5281 drw 02a
VDD(1)
NC
NC
VDD(1)
NC
NC
VDD(1)
A10
VSS/ZZ(3)
,
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
5
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
5281 tbl 07
119 BGA Capacitance(1)
(TA = +25° C, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
7
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
5281 tbl 07a
165 fBGA Capacitance(1)
(TA = +25° C, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
TBD
pF
CI/O
I/O Capacitance
VOUT = 3dV
TBD
pF
5281 tbl 07b


Similar Part No. - IDT71V3558XSA133BQGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V3557S IDT-IDT71V3557S Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S IDT-IDT71V3557S Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V3557S75BG IDT-IDT71V3557S75BG Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S75BGG IDT-IDT71V3557S75BGG Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
More results

Similar Description - IDT71V3558XSA133BQGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Renesas Technology Corp
71V65603 RENESAS-71V65603 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com