Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7125620YGI8 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 7125620YGI8
Description  CMOS Static RAM 256K (32K x 8-Bit)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7125620YGI8 Datasheet(HTML) 8 Page - Integrated Device Technology

  7125620YGI8 Datasheet HTML 1Page - Integrated Device Technology 7125620YGI8 Datasheet HTML 2Page - Integrated Device Technology 7125620YGI8 Datasheet HTML 3Page - Integrated Device Technology 7125620YGI8 Datasheet HTML 4Page - Integrated Device Technology 7125620YGI8 Datasheet HTML 5Page - Integrated Device Technology 7125620YGI8 Datasheet HTML 6Page - Integrated Device Technology 7125620YGI8 Datasheet HTML 7Page - Integrated Device Technology 7125620YGI8 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
IDT71256SA
CMOS Static RAM 256K (32K x 8-Bit)
Commercial and Industrial Temperature Ranges
Datasheet Document History
1/7/00
Updated to new format
Pg. 1, 3, 4, 7
Revised Industrial Temperature range offerings
Pg. 6
Removed Note No. 1 for Write Cycle diagrams, renumbered footnotes and notes
Pg. 8
AddedDatasheetDocumentHistory
08/09/00
Notrecommendedfornewdesigns
02/01/01
Removed "Not recommended for new designs"
09/30/04
Pg. 7
Added"Restrictedhazardoussubstancedevice"toorderinginformations.
02/20/07
Pg. 7
Added TT generation die step to data sheet ordering information.
04/28/11
Pg. 1, 2, 7
Obsoleted 28-pin 600 mil and removed TT generation die step from Ordering information.
Added Tape and Reel to Ordering information and updated description of Restricted
hazardous substance device to Green
11/03/14
Pg. 1 & 8
Removed 12ns I-temp offering in Features. Added note regarding 12ns commercial only on
the Ordering information page. Removed IDT as a reference for fabrication in Description.
Pg. 2 & 8
Removed package extensions from pinouts and from Ordering information.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
CORPORATE HEADQUARTERS
for SALES:
6024 Silver Creek Valley Road
800-345-7015 or
San Jose, CA 95138
408-284-8200
fax: 408-284-2775
www.idt.com
for Tech Support:
sramhelp@idt.com
408-284-4532


Similar Part No. - 7125620YGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71256L20YGI8 IDT-71256L20YGI8 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Integrated Device Techn...
71256L25YGI8 IDT-71256L25YGI8 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
71256L35YGI8 IDT-71256L35YGI8 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
More results

Similar Description - 7125620YGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
logo
Integrated Device Techn...
IDT71256S IDT-IDT71256S Datasheet
78Kb / 9P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA70 IDT-IDT71256SA70 Datasheet
62Kb / 6P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA20PZI IDT-IDT71256SA20PZI Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
71256SA20TPG IDT-71256SA20TPG Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256S IDT-IDT71256S_14 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com