Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7125620YGI8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 7125620YGI8
Description  CMOS Static RAM 256K (32K x 8-Bit)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7125620YGI8 Datasheet(HTML) 3 Page - Integrated Device Technology

  7125620YGI8 Datasheet HTML 1Page - Integrated Device Technology 7125620YGI8 Datasheet HTML 2Page - Integrated Device Technology 7125620YGI8 Datasheet HTML 3Page - Integrated Device Technology 7125620YGI8 Datasheet HTML 4Page - Integrated Device Technology 7125620YGI8 Datasheet HTML 5Page - Integrated Device Technology 7125620YGI8 Datasheet HTML 6Page - Integrated Device Technology 7125620YGI8 Datasheet HTML 7Page - Integrated Device Technology 7125620YGI8 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6.42
IDT71256SA
CMOS Static RAM 256K (32K x 8-Bit)
Commercial and Industrial Temperature Ranges
3
Figure 2. AC Test Load
(for tCLZ, tOLZ, tCHZ, tOHZ, tOW, and tWHZ)
Figure 1. AC Test Load
*Including jig and scope capacitance.
DC Electrical Characteristics(1)
(VCC = 5.0V ± 10%, VLC = 0.2V, VHC = VCC–0.2V)
AC Test Conditions
Capacitance
(TA = +25°C, f = 1.0MHz, SOJ package)
DC Electrical Characteristics
(VCC = 5.0V ± 10%)
2948 drw 03
480
Ω
255
Ω
30pF*
DATA OUT
5V
,
2948 drw 04
480
Ω
255
Ω
5pF*
DATA OUT
5V
.
Symbol
Parameter
Test Conditions
IDT71256SA
Unit
Min.
Max.
|ILI|
Input Leakage Current
VCC = Max., VIN = GND to VCC
___
5µA
|ILO|
Output Leakage Current
VCC = Max., CS = VIH, VOUT = GND to VCC
___
5µA
VOL
Output Low Voltage
IOL = 8mA, VCC = Min.
___
0.4
V
VOH
Output High Voltage
IOH = -4mA, VCC = Min.
2.4
___
V
2948 tbl 05
NOTES:
1. All values are maximum guaranteed values.
2. fMAX = 1/tRC (all address inputs are cycling at fMAX); f = 0 means no address input lines are changing.
Symbol
Parameter
71256SA12
71256SA15
71256SA20
71256SA25
Unit
ICC
Dynamic Operating Current
CS < VIL, Outputs Open, VCC = Max., f = fMAX(2)
160
150
145
145
mA
ISB
Standby Power Supply Current (TTL Level)
CS > VIH, Outputs Open, VCC = Max., f = fMAX(2)
50
40
40
40
mA
ISB1
Standby Power Supply Current (CMOS Level)
CS >
VHC, Outputs Open, VCC = Max., f = 0(2),
VIN < VLC or VIN > VHC
15
15
15
15
mA
2948 tbl 06
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
AC Test Load
GND to 3.0V
3ns
1.5V
1.5V
See Figures 1 and 2
2948 tbl 07
NOTE:
1. This parameter is guaranteed by device characterization, but not production
tested.
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
7
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
2948 tbl 08


Similar Part No. - 7125620YGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71256L20YGI8 IDT-71256L20YGI8 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Integrated Device Techn...
71256L25YGI8 IDT-71256L25YGI8 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
71256L35YGI8 IDT-71256L35YGI8 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
More results

Similar Description - 7125620YGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
logo
Integrated Device Techn...
IDT71256S IDT-IDT71256S Datasheet
78Kb / 9P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA70 IDT-IDT71256SA70 Datasheet
62Kb / 6P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA20PZI IDT-IDT71256SA20PZI Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
71256SA20TPG IDT-71256SA20TPG Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256S IDT-IDT71256S_14 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com