Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

709379L9PFGI8 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 709379L9PFGI8
Description  HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

709379L9PFGI8 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 709379L9PFGI8 Datasheet HTML 5Page - Integrated Device Technology 709379L9PFGI8 Datasheet HTML 6Page - Integrated Device Technology 709379L9PFGI8 Datasheet HTML 7Page - Integrated Device Technology 709379L9PFGI8 Datasheet HTML 8Page - Integrated Device Technology 709379L9PFGI8 Datasheet HTML 9Page - Integrated Device Technology 709379L9PFGI8 Datasheet HTML 10Page - Integrated Device Technology 709379L9PFGI8 Datasheet HTML 11Page - Integrated Device Technology 709379L9PFGI8 Datasheet HTML 12Page - Integrated Device Technology 709379L9PFGI8 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
6.42
IDT709379/69L
High-Speed 32/16K x 18 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
9
Timing Waveform of Write with Port-to-Port Flow-Through Read(4,5,7)
NOTES:
1. B1 Represents Bank #1; B2 Represents Bank #2. Each Bank consists of one IDT709379/69 for this waveform, and are setup for depth expansion in this
example. ADDRESS(B1) = ADDRESS(B2) in this situation.
2. UB, LB, OE, and ADS = VIL; CE1(B1), CE1(B2), R/W and CNTRST = VIH.
3. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
4. CE0, UB, LB, and ADS = VIL; CE1 and CNTRST = VIH.
5. OE = VIL for the Right Port, which is being read from. OE = VIH for the Left Port, which is being written to.
6. If tCCS < maximum specified, then data from right port READ is not valid until the maximum specified for tCWDD.
If tCCS > maximum specified, then data from right port READ is not valid until tCCS + tCD1. tCWDD does not apply in this case.
7. All timing is the same for both Left and Right ports. Port "A" may be either Left or Right port. Port "B" is the opposite from Port "A".
Timing Waveform of a Bank Select Pipelined Read(1,2)
tSC
tHC
CE0(B1)
ADDRESS(B1)
A0
A1
A2
A3
A4
A5
tSA
tHA
CLK
4845 drw 09
Q0
Q1
Q3
DATAOUT(B1)
tCH2
tCL2
tCYC2
(3)
ADDRESS(B2)
A0
A1
A2
A3
A4
A5
tSA
tHA
CE0(B2)
DATAOUT(B2)
Q2
Q4
tCD2
tCD2
tCKHZ
tCD2
tCKLZ
tDC
tCKHZ
tCD2
tCKLZ
(3)
(3)
tSC
tHC
(3)
tCKHZ
(3)
tCKLZ
(3)
tCD2
A6
A6
tDC
tSC
tHC
tSC
tHC
DATAIN "A"
CLK "B"
R/
W "B"
ADDRESS "A"
R/
W "A"
CLK "A"
ADDRESS "B"
NO
MATCH
MATCH
NO
MATCH
MATCH
VALID
tCWDD
tCD1
tDC
DATAOUT "B"
4845 drw 10
VALID
VALID
tSW
tHW
tSA
tHA
tSD
tHD
tHW
tCD1
tCCS
tDC
tSA
tSW
tHA
(6)
(6)


Similar Part No. - 709379L9PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
709379L9PFGI8 IDT-709379L9PFGI8 Datasheet
210Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - 709379L9PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V3379S IDT-IDT70V3379S_18 Datasheet
197Kb / 17P
   HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L_18 Datasheet
192Kb / 16P
   HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9199 IDT-IDT70V9199_18 Datasheet
203Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S_18 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_18 Datasheet
208Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9179L IDT-IDT70V9179L Datasheet
204Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_18 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9169 IDT-IDT70V9169 Datasheet
205Kb / 16P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369L IDT-IDT70V9369L Datasheet
222Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9389 IDT-IDT70V9389_18 Datasheet
251Kb / 19P
   SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com