Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71V65603Z100PFG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 71V65603Z100PFG
Description  3.3V Synchronous ZBT SRAMs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V65603Z100PFG Datasheet(HTML) 2 Page - Integrated Device Technology

  71V65603Z100PFG Datasheet HTML 1Page - Integrated Device Technology 71V65603Z100PFG Datasheet HTML 2Page - Integrated Device Technology 71V65603Z100PFG Datasheet HTML 3Page - Integrated Device Technology 71V65603Z100PFG Datasheet HTML 4Page - Integrated Device Technology 71V65603Z100PFG Datasheet HTML 5Page - Integrated Device Technology 71V65603Z100PFG Datasheet HTML 6Page - Integrated Device Technology 71V65603Z100PFG Datasheet HTML 7Page - Integrated Device Technology 71V65603Z100PFG Datasheet HTML 8Page - Integrated Device Technology 71V65603Z100PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
6.42
2
IDT71V65603, IDT71V65803, 256K x 36, 512K x 18, 3.3V Synchronous SRAMs with
ZBT
™ Feature, 3.3V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Pin Definitions(1)
NOTE:
1. All synchronous inputs must meet specified setup and hold times with respect to CLK.
Symbol
Pin Function
I/O
Active
Description
A0-A18
Address Inputs
I
N/A
Synchronous Address inputs. The address register is triggered by a combination of the
rising edge of CLK, ADV/LD low, CEN low, and true chip enables.
ADV/LD
Advance / Load
I
N/A
ADV/LD is a synchronous input that is used to load the internal registers with new address
and control when it is sampled low at the rising edge of clock with the chip selected. When
ADV/LD is low with the chip deselected, any burst in progress is terminated. When ADV/LD
is sampled high then the internal burst counter is advanced for any burst that was in
progress. The external addresses are ignored when ADV/LD is sampled high.
R/W
Read / Write
I
N/A
R/W signal is a synchronous input that identifies whether the current load cycle initiated is a
Read or Write access to the memory array. The data bus activity for the current cycle takes
place two clock cycles later.
CEN
Clock Enable
I
LOW
Synchronous Clock Enable Input. When CEN is sampled high, all other synchronous
inputs, including clock are ignored and outputs remain unchanged. The effect of CEN
sampled high on the device outputs is as if the low to high clock transition did not occur.
For normal operation, CEN must be sampled low at rising edge of clock.
BW1
-BW4
Individual Byte
Write Enables
I
LOW
Synchronous byte write enables. Each 9-bit byte has its own active low byte write enable.
On load write cycles (When R/W and ADV/LD are sampled low) the appropriate byte write
signal (BW1-BW4) must be valid. The byte write signal must also be valid on each cycle of
a burst write. Byte Write signals are ignored when R/W is sampled high. The appropriate
byte(s) of data are written into the device two cycles later. BW1-BW4 can all be tied low if
always doing write to the entire 36-bit word.
CE1
, CE2
Chip Enables
I
LOW
Synchronous active low chip enable. CE1 and CE2 are used with CE2 to enable the
IDT71V65603/5803. (CE1 or CE2 sampled high or CE2 sampled low) and ADV/LD low at the
rising edge of clock, initiates a deselect cycle. The ZBTTM has a two cycle deselect, i.e.,
the data bus will tri-state two clock cycles after deselect is initiated.
CE2
Chip Enable
I
HIGH
Synchronous active high chip enable. CE2 is used with CE1 and CE2 to enable the chip.
CE2 has inverted polarity but otherwise identical to CE1 and CE2.
CLK
Clock
I
N/A
This is the clock input to the IDT71V65603/5803. Except for OE, all timing references for the
device are made with respect to the rising edge of CLK.
I/O0-I/O31
I/OP1-I/OP4
Data Input/Output
I/O
N/A
Synchronous data input/output (I/O) pins. Both the data input path and data output path are
registered and triggered by the rising edge of CLK.
LBO
Linear Burst Order
I
LOW
Burst order selection input. When LBO is high the Interleaved burst sequence is selected.
When LBO is low the Linear burst sequence is selected. LBO is a static input and it must
not change during device operation.
OE
Output Enable
I
LOW
Asynchronous output enable. OE must be low to read data from the 71V65603/5803. When
OE
is high the I/O pins are in a high-impedance state. OE does not need to be actively
controlled for read and write cycles. In normal operation, OE can be tied low.
ZZ
Sleep Mode
I
N/A
Asynchronous sleep mode input. ZZ HIGH will gate the CLK internally and power down the
71V65603/5803 to its lowest power consumption level. Data retention is guaranteed in
Sleep Mode.
VDD
Power Supply
N/A
N/A
3.3V core power supply.
VDDQ
Power Supply
N/A
N/A
3.3V I/O Supply.
VSS
Ground
N/A
N/A
Ground.
5304tbl 02


Similar Part No. - 71V65603Z100PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V65603 RENESAS-71V65603 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
71V65603S100BG RENESAS-71V65603S100BG Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
71V65603S100BG8 RENESAS-71V65603S100BG8 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
71V65603S100BGI RENESAS-71V65603S100BGI Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
71V65603S100BGI8 RENESAS-71V65603S100BGI8 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
More results

Similar Description - 71V65603Z100PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Renesas Technology Corp
71V65603 RENESAS-71V65603 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com