Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71V416L10BEG8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 71V416L10BEG8
Description  3.3V CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V416L10BEG8 Datasheet(HTML) 6 Page - Integrated Device Technology

  71V416L10BEG8 Datasheet HTML 1Page - Integrated Device Technology 71V416L10BEG8 Datasheet HTML 2Page - Integrated Device Technology 71V416L10BEG8 Datasheet HTML 3Page - Integrated Device Technology 71V416L10BEG8 Datasheet HTML 4Page - Integrated Device Technology 71V416L10BEG8 Datasheet HTML 5Page - Integrated Device Technology 71V416L10BEG8 Datasheet HTML 6Page - Integrated Device Technology 71V416L10BEG8 Datasheet HTML 7Page - Integrated Device Technology 71V416L10BEG8 Datasheet HTML 8Page - Integrated Device Technology 71V416L10BEG8 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6.42
6
IDT71V416S, IDT71V416L, 3.3V CMOS Static RAM
4 Meg (256K x 16-Bit)
Commercial and Industrial Temperature Ranges
ADDRESS
OE
CS
DATAOUT
3624 drw 07
(3)
DATA
VALID
tAA
tRC
tOE
tOLZ
BHE, BLE
(3)
tACS
(3)
tBLZ
tCLZ
(2)
tBE
(2)
tOH
tOHZ (3)
tCHZ (3)
tBHZ (3)
OUT
Timing Waveform of Read Cycle No. 2(1)
NOTES:
1. A write occurs during the overlap of a LOW CS, LOW BHE or BLE, and a LOW WE.
2. OE is continuously HIGH. If during a WE controlled write cycle OE is LOW, tWP must be greater than or equal to tWHZ + tDW to allow the I/O drivers to turn off and data
to be placed on the bus for the required tDW. If OE is HIGH during a WE controlled write cycle, this requirement does not apply and the minimum write pulse is as
short as the specified tWP.
3. During this period, I/O pins are in the output state, and input signals must not be applied.
4. If the CS LOW or BHE and BLE LOW transition occurs simultaneously with or after the WE LOW transition, the outputs remain in a high-impedance state.
5. Transition is measured ±200mV from steady state.
Timing Waveform of Write Cycle No. 1 (WE Controlled Timing)(1,2,4)
NOTES:
1. WE is HIGH for Read Cycle.
2. Address must be valid prior to or coincident with the later of CS, BHE, or BLE transition LOW; otherwise tAA is the limiting parameter.
3. Transition is measured ±200mV from steady state.
ADDRESS
CS
DATAIN
3624 drw 08
(5)
(5)
(5)
DATAIN VALID
tWC
tAS
tWHZ
(2)
tCW
tCHZ
tOW
tWR
WE
tAW
DATAOUT
tDW
tDH
PREVIOUS DATA VALID
DATA VALID
BHE, BLE
tBW
tWP
(5)
tBHZ
(3)


Similar Part No. - 71V416L10BEG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V416S10YGI8 IDT-71V416S10YGI8 Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Single 3.3V power supply
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results

Similar Description - 71V416L10BEG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V016SA IDT-IDT71V016SA_13 Datasheet
116Kb / 9P
   3.3V CMOS Static RAM
IDT71V424S IDT-IDT71V424S Datasheet
72Kb / 9P
   3.3V CMOS Static RAM
logo
List of Unclassifed Man...
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Hitachi Semiconductor
MEJ02C2016_M5M5J167KT HITACHI-MEJ02C2016_M5M5J167KT Datasheet
154Kb / 11P
   CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M6MF16S2AVP MITSUBISHI-M6MF16S2AVP Datasheet
1Mb / 21P
   CMOS 3.3V-ONLY FLASH MEMORY & CMOS STATIC RAM STACKED-MCP
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7MMV4101 IDT-IDT7MMV4101 Datasheet
86Kb / 8P
   128K x 24 Three Megabit 3.3V CMOS Static RAM
logo
Pyramid Semiconductor C...
P3C1256 PYRAMID-P3C1256 Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com