Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7125615TPGI8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 7125615TPGI8
Description  CMOS Static RAM 256K (32K x 8-Bit)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7125615TPGI8 Datasheet(HTML) 4 Page - Integrated Device Technology

  7125615TPGI8 Datasheet HTML 1Page - Integrated Device Technology 7125615TPGI8 Datasheet HTML 2Page - Integrated Device Technology 7125615TPGI8 Datasheet HTML 3Page - Integrated Device Technology 7125615TPGI8 Datasheet HTML 4Page - Integrated Device Technology 7125615TPGI8 Datasheet HTML 5Page - Integrated Device Technology 7125615TPGI8 Datasheet HTML 6Page - Integrated Device Technology 7125615TPGI8 Datasheet HTML 7Page - Integrated Device Technology 7125615TPGI8 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
IDT71256SA
CMOS Static RAM 256K (32K x 8-Bit)
Commercial and Industrial Temperature Ranges
AC Electrical Characteristics (VCC = 5.0V ± 10%)
NOTE:
1. This parameter is guaranteed with the AC Load (Figure 2) by device characterization, but is not production tested.
Symbol
Parameter
71256SA12
71256SA15
71256SA20
71256SA25
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
12
____
15
____
20
____
25
____
ns
tAA
Address Access Time
____
12
____
15
____
20
____
25
ns
tACS
Chip Select Access Time
____
12
____
15
____
20
____
25
ns
tCLZ(1)
Chip Select to Output in Low-Z
4
____
4
____
4
____
4
____
ns
tCHZ(1)
Chip Select to Output in High-Z
0
6
0
7
0
10
0
11
ns
tOE
Output Enable to Output Valid
____
6
____
7
____
10
____
11
ns
tOLZ(1)
Output Enable to Output in Low-Z
0
____
0
____
0
____
0
____
ns
tOHZ(1)
Output Disable to Output in High-Z
060
60
80
10
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
3
____
ns
tPU(1)
Chip Select to Power Up Time
0
____
0
____
0
____
0
____
ns
tPD(1)
Chip Deselect to Power Down Time
____
12
____
15
____
20
____
25
ns
Write Cycle
tWC
Write Cycle Time
12
____
15
____
20
____
25
____
ns
tAW
Address Valid to End-of-Write
9
____
10
____
15
____
20
____
ns
tCW
Chip Select to End-of-Write
9
____
10
____
15
____
20
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
0
____
ns
tWP
Write Pulse Width
8
____
10
____
15
____
20
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
6
____
7
____
11
____
13
____
ns
tDH
Data Hold Time
0
____
0
____
0
____
0
____
ns
tOW(1)
Output Active from End-of-Write
4
____
4
____
4
____
4
____
ns
tWHZ(1)
Write Enable to Output in High-Z
0
6
0
6
0
10
0
11
ns
2948 tbl 09


Similar Part No. - 7125615TPGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71256L20YGI8 IDT-71256L20YGI8 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Integrated Device Techn...
71256L25YGI8 IDT-71256L25YGI8 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
71256L35YGI8 IDT-71256L35YGI8 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
More results

Similar Description - 7125615TPGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
logo
Integrated Device Techn...
IDT71256S IDT-IDT71256S Datasheet
78Kb / 9P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA70 IDT-IDT71256SA70 Datasheet
62Kb / 6P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA20PZI IDT-IDT71256SA20PZI Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
71256SA20TPG IDT-71256SA20TPG Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256S IDT-IDT71256S_14 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com