Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPSD3214AV-40U6T Datasheet(PDF) 9 Page - STMicroelectronics

Part # UPSD3214AV-40U6T
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3214AV-40U6T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UPSD3214AV-40U6T Datasheet HTML 5Page - STMicroelectronics UPSD3214AV-40U6T Datasheet HTML 6Page - STMicroelectronics UPSD3214AV-40U6T Datasheet HTML 7Page - STMicroelectronics UPSD3214AV-40U6T Datasheet HTML 8Page - STMicroelectronics UPSD3214AV-40U6T Datasheet HTML 9Page - STMicroelectronics UPSD3214AV-40U6T Datasheet HTML 10Page - STMicroelectronics UPSD3214AV-40U6T Datasheet HTML 11Page - STMicroelectronics UPSD3214AV-40U6T Datasheet HTML 12Page - STMicroelectronics UPSD3214AV-40U6T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 176 page
background image
9/176
µPSD323X
RESET TIMING AND DEVICE STATUS AT RESET . . . . . . . . .... . . . .... .... .. . .... .. . .... 140
Warm RESET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... ... . ... . . .. .. .. .. . . . . . . ... . ...140
I/O Pin, Register and PLD Status at RESET. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 140
Reset of Flash Memory Erase and Program Cycles . . . . . . . . . . . . . . .... ... . . . ... .. .. .. .. 140
Reset (RESET) Timing (Figure 71.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . ... .. . . ... ..140
Status During Power-on RESET, Warm RESET and Power-down Mode (Table 105.). . . . . . . . . 141
PROGRAMMING IN-CIRCUIT USING THE JTAG SERIAL INTERFACE . . . . . . . . . . . . . . . . . . ...142
Standard JTAG Signals. .... .. . .... . ... .. . . . . . ... . ... .. . . ... .. . .... . ... .. . . ... ..142
JTAG Port Signals (Table 106.). . .... . ... .. . . . . .... . ... .. . . ... .. . . . . . . ... .. . . ... ..142
JTAG Extensions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ...142
Security and Flash memory Protection . . . . . . . . . . .... . ... .. . . ... .. . . . . . . ... .. . . ... ..142
INITIAL DELIVERY STATE. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . ... ..142
AC/DC PARAMETERS . . . . . . .... . ... .. . . ... .. . .... . ... .. .. .. .... . . . ... . . . . . . . . .... 143
PLD ICC /Frequency Consumption (5V range) (Figure 72.) . . . . . .... .. . . . . . . ... .. . .... . . 143
PLD ICC /Frequency Consumption (3V range) (Figure 73.) . . . . . .... .. . . . . . . ... .. . .... . . 143
PSD MODULE Example, Typ. Power Calculation at VCC = 5.0V (Turbo Mode Off) (Table 107.). 144
MAXIMUM RATING. . . . . . . . . . . . . . . . . . . . . . . . ... . . . . ... .. ... .. .. ... .. . ... .. . . ... . . . . 145
Absolute Maximum Ratings (Table 108.) . . . . . . . . . . . . . . .... . . . .... .... .. . .... .. . .... 145
DC AND AC PARAMETERS. . . . . . . .... . ... .. . . . . .... .... .. . . . . . . . . . . . . . ... .. . .... . . 146
Operating Conditions (5V Devices) (Table 109.). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ...146
Operating Conditions (3V Devices) (Table 110.). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ...146
AC Symbols for Timing (Table 111.) . . . . . . . . . . . . . . . . . . . . . . . . . .... .... .. . . . . . . . . .... 147
Switching Waveforms – Key (Figure 74.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147
DC Characteristics (5V Devices) (Table 112.). . . . . . . ... . . . . . . . . . .... ... . . . . . . . . . . . . . . 148
DC Characteristics (3V Devices) (Table 113.). . . . . . . ... . . . . . . . . . .... ... . . . . . . . . . . . . . . 150
External Program Memory READ Cycle (Figure 75.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 152
External Program Memory AC Characteristics (with the 5V MCU Module) (Table 114.) . . . . . . . 152
External Program Memory AC Characteristics (with the 3V MCU Module) (Table 115.) . . . . . . . 153
External Clock Drive (with the 5V MCU Module) (Table 116.) . . . . . . . . . . . . . . . . . . . . . . . . ...153
External Clock Drive (with the 3V MCU Module) (Table 117.) . . . . . . . . . . . . . . . . . . . . . . . . ...153
External Data Memory READ Cycle (Figure 76.) . . . . . . . . .... .... ... . . . . . . . . ... .. . . ... 154
External Data Memory WRITE Cycle (Figure 77.). . . . . . . . . . . . . . . . . . . . . . . . . . . .... . ... ..154
External Data Memory AC Characteristics (with the 5V MCU Module) (Table 118.). .... . ... ..155
External Data Memory AC Characteristics (with the 3V MCU Module) (Table 119.). .... . ... ..156
A/D Analog Specification (Table 120.). . . . . . . . . . . . . . . . . .... . . . .... .... .. . .... .. . .... 156
Input to Output Disable / Enable (Figure 78.) . . . . . .... . . . ... . . . . . . . . . . . . . ... ... . . . ...157
CPLD Combinatorial Timing (5V Devices) (Table 121.) . .... .. . . . . . . . . . . . . . ... .. . .... . . 157
CPLD Combinatorial Timing (3V Devices) (Table 122.) . .... .. . . . . . . . . . . . . . ... .. . .... . . 157
Synchronous Clock Mode Timing – PLD (Figure 79.) . . . . . . . . . . . . .... . . . ... . . . . . . . . . . . . 158
CPLD Macrocell Synchronous Clock Mode Timing (5V Devices) (Table 123.) .... .. .. ... .. .. 158
CPLD Macrocell Synchronous Clock Mode Timing (3V Devices) (Table 124.) .... .. .. ... .. .. 159
Asynchronous RESET / Preset (Figure 80.) . . . . . . .... . . . ... . . . . . . . . . . . . . ... ... . . . ...160


Similar Part No. - UPSD3214AV-40U6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3214AV-40U6T STMICROELECTRONICS-UPSD3214AV-40U6T Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
More results

Similar Description - UPSD3214AV-40U6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD3212C STMICROELECTRONICS-UPSD3212C Datasheet
1Mb / 152P
   Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
UPSD3253 STMICROELECTRONICS-UPSD3253 Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
November 2002
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3254A STMICROELECTRONICS-UPSD3254A Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
logo
ATMEL Corporation
ATMEGA32L ATMEL-ATMEGA32L_14 Datasheet
5Mb / 346P
   Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128 Datasheet
481Kb / 24P
   Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com