Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71V424S10YGI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 71V424S10YGI
Description  3.3V CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V424S10YGI Datasheet(HTML) 9 Page - Integrated Device Technology

  71V424S10YGI Datasheet HTML 1Page - Integrated Device Technology 71V424S10YGI Datasheet HTML 2Page - Integrated Device Technology 71V424S10YGI Datasheet HTML 3Page - Integrated Device Technology 71V424S10YGI Datasheet HTML 4Page - Integrated Device Technology 71V424S10YGI Datasheet HTML 5Page - Integrated Device Technology 71V424S10YGI Datasheet HTML 6Page - Integrated Device Technology 71V424S10YGI Datasheet HTML 7Page - Integrated Device Technology 71V424S10YGI Datasheet HTML 8Page - Integrated Device Technology 71V424S10YGI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
6.42
9
IDT71V424S, IDT71V424L, 3.3V CMOS Static RAM
4 Meg (512K x 8-bit)
Commercial and Industrial Temperature Ranges
Datasheet Document History
8/13/99
Updatedtonewformat
Pg. 2
RemovedSO44-1fromTSOPpinout
Pg. 7
Revised footnotes on Write Cycle No. 1 diagram
Removed footnote for tWRon Write Cycle No. 2 diagram
Pg. 9
AddedDatasheetDocumentHistory
8/31/99
Pg. 1–9
AddedIndustrialtemperaturerangeofferings
11/22/02
Pg. 8
Addeddierevisionoptiontoorderinginformation
07/31/03
Pg. 8
Updated note, L10 speed grade commercial temperature only and updated die stepping from YF to Y.
07/28/04
Pg. 3
Increased ISB for all "L" and S15 speeds by 10mA and increased for S12 speed by 5mA (refer to
PCN# SR-0402-02).
Pg. 8
Added"Restrictedhazardoussubstancedevice"totheorderinginformation.
09/20/08
Pg. 1, 8
Added Y and V step part numbers to front page and ordering information. Updated the ordering
informationbyremovingthe“IDT”notation.
05/12/09
Pg. 3,5,8
Add Industrial grade for 10ns Low Power.
06/11/09
Pg.1,8
RemovedVS,VLfromdatasheetandorderinginformation.
09/26/13:
Pg.1-9
Removed the /YS & /YL from the device name for the entire datasheet.
Pg.1
RemovedIDT'sreferencetofabrication.
Pg.8
Updated ordering information by adding T&R, updated Restricted Hazardous Substance Device
wording to Green and removed the Die Stepping Revision, the”Y” designator.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
CORPORATE HEADQUARTERS
for SALES:
6024 Silver Creek Valley Road
800-345-7015 or
San Jose, CA 95138
408-284-8200
fax: 408-284-2775
www.idt.com
for Tech Support:
sramhelp@idt.com
408-284-4532


Similar Part No. - 71V424S10YGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V424S10YGI RENESAS-71V424S10YGI Datasheet
189Kb / 11P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
May.04.21
71V424S10YGI8 RENESAS-71V424S10YGI8 Datasheet
189Kb / 11P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
May.04.21
More results

Similar Description - 71V424S10YGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V016SA IDT-IDT71V016SA_13 Datasheet
116Kb / 9P
   3.3V CMOS Static RAM
IDT71V416S IDT-IDT71V416S_16 Datasheet
645Kb / 9P
   3.3V CMOS Static RAM
logo
List of Unclassifed Man...
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Hitachi Semiconductor
MEJ02C2016_M5M5J167KT HITACHI-MEJ02C2016_M5M5J167KT Datasheet
154Kb / 11P
   CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M6MF16S2AVP MITSUBISHI-M6MF16S2AVP Datasheet
1Mb / 21P
   CMOS 3.3V-ONLY FLASH MEMORY & CMOS STATIC RAM STACKED-MCP
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7MMV4101 IDT-IDT7MMV4101 Datasheet
86Kb / 8P
   128K x 24 Three Megabit 3.3V CMOS Static RAM
logo
Pyramid Semiconductor C...
P3C1256 PYRAMID-P3C1256 Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com