Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPSD3213AV-40U6T Datasheet(PDF) 10 Page - STMicroelectronics

Part # UPSD3213AV-40U6T
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3213AV-40U6T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UPSD3213AV-40U6T Datasheet HTML 6Page - STMicroelectronics UPSD3213AV-40U6T Datasheet HTML 7Page - STMicroelectronics UPSD3213AV-40U6T Datasheet HTML 8Page - STMicroelectronics UPSD3213AV-40U6T Datasheet HTML 9Page - STMicroelectronics UPSD3213AV-40U6T Datasheet HTML 10Page - STMicroelectronics UPSD3213AV-40U6T Datasheet HTML 11Page - STMicroelectronics UPSD3213AV-40U6T Datasheet HTML 12Page - STMicroelectronics UPSD3213AV-40U6T Datasheet HTML 13Page - STMicroelectronics UPSD3213AV-40U6T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 176 page
background image
µPSD323X
10/176
Asynchronous Clock Mode Timing (product term clock) (Figure 81.) . . . . . . . . . .... . . ... .. .. 160
CPLD Macrocell Asynchronous Clock Mode Timing (5V Devices) (Table 125.) . . . . . . . . . . . . . . 160
CPLD Macrocell Asynchronous Clock Mode Timing (3V Devices) (Table 126.) . . . . . . . . . . . . . . 161
Input Macrocell Timing (product term clock) (Figure 82.) . . . . . . . . . .... . . . . .. . . . . . . . . .... 162
Input Macrocell Timing (5V Devices) (Table 127.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 162
Input Macrocell Timing (3V Devices) (Table 128.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 162
Program, WRITE and Erase Times (5V Devices) (Table 129.) . . .... ... . ... .. . . ... .. . . ... 163
Program, WRITE and Erase Times (3V Devices) (Table 130.) . . .... ... . ... .. . . ... .. . . ... 163
Peripheral I/O READ Timing (Figure 83.) .... .. . .... . ... .. . . . . .... . . . . .. . . . . . . . . .... 164
Port A Peripheral Data Mode READ Timing (5V Devices) (Table 131.) . . . . . . . . . . . . . . . . . . . . 164
Port A Peripheral Data Mode READ Timing (3V Devices) (Table 132.) . . . . . . . . . . . . . . . . . . . . 164
Peripheral I/O WRITE Timing (Figure 84.) . . . ... .. ... .. .. . . . . . . . . . . . . . . .... . . ... .. ..165
Port A Peripheral Data Mode WRITE Timing (5V Devices) (Table 133.) . . . . . . . . . . . . ... .. .. 165
Port A Peripheral Data Mode WRITE Timing (3V Devices) (Table 134.) . . . . . . . . . . . . ... .. .. 165
Reset (RESET) Timing (Figure 85.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . ... .. . . ... ..166
Reset (RESET) Timing (5V Devices) (Table 135.) . . . . . . . .... .... ... . . . . . . . . ... .. . . ... 166
Reset (RESET) Timing (3V Devices) (Table 136.) . . . . . . . .... .... ... . . . . . . . . ... .. . . ... 166
VSTBYON Definitions Timing (5V Devices) (Table 137.).... .... .... ... . . . . . . . . ... .. . . ... 166
VSTBYON Timing (3V Devices) (Table 138.). . . . . . . .... . . . ... . . . . . . . . . . . . . ... ... . . . ...166
ISC Timing (Figure 86.) . .... .. . .... . ... .. . . ... ... . ... .. .. ... .. . . ... . ... .. .. ... ..167
ISC Timing (5V Devices) (Table 139.).... . . .. .. . . . ... . . . . ... .. ... .. .. . . . . . . . ... .. .. 167
ISC Timing (3V Devices) (Table 140.).... . . .. .. . . . ... . . . . ... .. ... .. .. . . . . . . . ... .. .. 168
MCU Module AC Measurement I/O Waveform (Figure 87.) . . . . . . . . . . . . . . . . . . . .... . ... ..168
PSD MODULE AC Float I/O Waveform (Figure 88.) . . . . . . .... .... ... . . . . . . . . ... .. . . ... 168
External Clock Cycle (Figure 89.) . . . . . . . . . . . . . . . . . . . . .... .... ... . . . . . . . . ... .. . . ... 169
Recommended Oscillator Circuits (Figure 90.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . ... ..169
PSD MODULE AC Measurement I/O Waveform (Figure 91.) . . . . . . . .... ... . . . . . . . . . . . . . . 169
PSD MODULEAC Measurement Load Circuit (Figure 92.) . . . . . . . . . . . . . . . . . . . . . . . ... .. .. 169
Capacitance (Table 141.) . . . . . . . . . . . . . . . . . . . . .... . . . ... . . . . . . . . . . . . . ... .. . . .. ...169
PART NUMBERING . . . . . . . . . .... . . .. .. .. .. . . . . . . . . . . . . . ... . . . . . . . . . ... .. .. ... .. . . 174
PACKAGE MECHANICAL INFORMATION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . ... ..170
PART NUMBERING . . . . . . . . . .... . . .. .. .. .. . . . . . . . . . . . . . ... . . . . . . . . . ... .. .. ... .. . . 174


Similar Part No. - UPSD3213AV-40U6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3213AV-40U6T STMICROELECTRONICS-UPSD3213AV-40U6T Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
More results

Similar Description - UPSD3213AV-40U6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD3212C STMICROELECTRONICS-UPSD3212C Datasheet
1Mb / 152P
   Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
UPSD3253 STMICROELECTRONICS-UPSD3253 Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
November 2002
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3254A STMICROELECTRONICS-UPSD3254A Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
logo
ATMEL Corporation
ATMEGA32L ATMEL-ATMEGA32L_14 Datasheet
5Mb / 346P
   Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128 Datasheet
481Kb / 24P
   Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com