Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71V016SA20PHGI8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 71V016SA20PHGI8
Description  3.3V CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V016SA20PHGI8 Datasheet(HTML) 5 Page - Integrated Device Technology

  71V016SA20PHGI8 Datasheet HTML 1Page - Integrated Device Technology 71V016SA20PHGI8 Datasheet HTML 2Page - Integrated Device Technology 71V016SA20PHGI8 Datasheet HTML 3Page - Integrated Device Technology 71V016SA20PHGI8 Datasheet HTML 4Page - Integrated Device Technology 71V016SA20PHGI8 Datasheet HTML 5Page - Integrated Device Technology 71V016SA20PHGI8 Datasheet HTML 6Page - Integrated Device Technology 71V016SA20PHGI8 Datasheet HTML 7Page - Integrated Device Technology 71V016SA20PHGI8 Datasheet HTML 8Page - Integrated Device Technology 71V016SA20PHGI8 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
IDT71V016SA, 3.3V CMOS Static RAM
1 Meg (64K x 16-Bit)
Commercial and Industrial Temperature Ranges
71V016SA10
71V016SA12
71V016SA15
71V016SA20
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
10
____
12
____
15
____
20
____
ns
tAA
Address Access Time
____
10
____
12
____
15
____
20
ns
tACS
Chip Select Access Time
____
10
____
12
____
15
____
20
ns
tCLZ(1)
Chip Select Low to Output in Low-Z
4
____
4
____
5
____
5
____
ns
tCHZ(1)
Chip Select High to Output in High-Z
____
5
____
6
____
6
____
8ns
tOE
Output Enable Low to Output Valid
____
5
____
6
____
7
____
8ns
tOLZ(1)
Output Enable Low to Output in Low-Z
0
____
0
____
0
____
0
____
ns
tOHZ(1)
Output Enable High to Output in High-Z
____
5
____
6
____
6
____
8ns
tOH
Output Hold from Address Change
4
4
4
4
ns
tBE
Byte Enable Low to Output Valid
5
6
7
____
8ns
tBLZ(1)
Byte Enable Low to Output in Low-Z
0
____
0
____
0
____
0
____
ns
tBHZ(1)
Byte Enable High to Output in High-Z
____
5
____
6
____
6
____
8ns
WRITE CYCLE
tWC
Write Cycle Time
10
____
12
____
15
____
20
____
ns
tAW
Address Valid to End of Write
7
____
8
____
10
____
12
____
ns
tCW
Chip Select Low to End of Write
7
____
8
____
10
____
12
____
ns
tBW
Byte Enable Low to End of Write
7
____
8
____
10
____
12
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
0
____
ns
tWR
Address Hold from End of Write
0
____
0
____
0
____
0
____
ns
tWP
Write Pulse Width
7
____
8
____
10
____
12
____
ns
tDW
Data Valid to End of Write
5
____
6
____
7
____
9
____
ns
tDH
Data Hold Time
0
____
0
____
0
____
0
____
ns
tOW(1)
Write Enable High to Output in Low-Z
3
____
3
____
3
____
3
____
ns
tWHZ(1)
Write Enable Low to Output in High-Z
____
5
____
6
____
6
____
8ns
3834 tbl 10
Timing Waveform of Read Cycle No. 1(1,2,3)
NOTES:
1. WE is HIGH for Read Cycle.
2. Deviceiscontinuouslyselected, CSisLOW.
3. OE, BHE, and BLE are LOW.
AC Electrical Characteristics (VDD= Min. to Max., Commercial and Industrial Temperature Ranges)
DATAOUT
ADDRESS
3834 drw 06
tRC
tAA
tOH
tOH
DATAOUT VALID
PREVIOUS DATAOUT VALID
NOTE:
1. This parameter is guaranteed with the AC Load (Figure 2) by device characterization, but is not production tested.


Similar Part No. - 71V016SA20PHGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V016SA IDT-71V016SA Datasheet
100Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
71V016SA10BF RENESAS-71V016SA10BF Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
71V016SA10BF8 RENESAS-71V016SA10BF8 Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
71V016SA10BFG RENESAS-71V016SA10BFG Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
More results

Similar Description - 71V016SA20PHGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V416S IDT-IDT71V416S_16 Datasheet
645Kb / 9P
   3.3V CMOS Static RAM
IDT71V424S IDT-IDT71V424S Datasheet
72Kb / 9P
   3.3V CMOS Static RAM
logo
List of Unclassifed Man...
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Hitachi Semiconductor
MEJ02C2016_M5M5J167KT HITACHI-MEJ02C2016_M5M5J167KT Datasheet
154Kb / 11P
   CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M6MF16S2AVP MITSUBISHI-M6MF16S2AVP Datasheet
1Mb / 21P
   CMOS 3.3V-ONLY FLASH MEMORY & CMOS STATIC RAM STACKED-MCP
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7MMV4101 IDT-IDT7MMV4101 Datasheet
86Kb / 8P
   128K x 24 Three Megabit 3.3V CMOS Static RAM
logo
Pyramid Semiconductor C...
P3C1256 PYRAMID-P3C1256 Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com