Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71T7570285PFI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT71T7570285PFI
Description  Synchronous ZBT SRAMs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71T7570285PFI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT71T7570285PFI Datasheet HTML 1Page - Integrated Device Technology IDT71T7570285PFI Datasheet HTML 2Page - Integrated Device Technology IDT71T7570285PFI Datasheet HTML 3Page - Integrated Device Technology IDT71T7570285PFI Datasheet HTML 4Page - Integrated Device Technology IDT71T7570285PFI Datasheet HTML 5Page - Integrated Device Technology IDT71T7570285PFI Datasheet HTML 6Page - Integrated Device Technology IDT71T7570285PFI Datasheet HTML 7Page - Integrated Device Technology IDT71T7570285PFI Datasheet HTML 8Page - Integrated Device Technology IDT71T7570285PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
APRIL 2004
DSC-5319/08
1
©2004 Integrated Device Technology, Inc.
A0-A19
Add ress Inputs
Input
Synchronous
CE1, CE2, CE2
Chip Enable s
Input
Synchronous
OE
Output Enable
Input
Asynchronous
R/
W
Re ad/Write Signal
Input
Synchronous
CEN
Clock Enable
Input
Synchronous
BW1, BW2, BW3, BW4
Individual Byte Write Sele cts
Input
Synchronous
CLK
Clock
Input
N/A
ADV/
LD
Ad vance Burst Address/Load New Ad dress
Input
Synchronous
LBO
Linear/Interleaved Burst Orde r
Input
Static
TMS
Test Mode Select
Input
N/A
TDI
Test Data Input
Input
N/A
TCK
Test Clock
Input
N/A
TDO
Test Data Output
Output
N/A
TRST
JTAG Reset (Optional)
Input
Asynchronous
ZZ
Sleep Mode
Input
Synchronous
I/O0-I/O31, I/OP1-I/OP4
Data Input/Output
I/O
Synchronous
VDD, VDDQ
Co re Po wer, I/O Power
Sup ply
Static
VSS
Ground
Sup ply
Static
5319 tbl 01
Pin Description Summary
The IDT71T75702/902 contain address, data-in and control signal
registers. The outputs are flow-through (no output data register). Output
enable is the only asynchronous signal and can be used to disable the
outputs at any given time.
A Clock Enable (
CEN)pinallowsoperationoftheIDT71T75702/902
to be suspended as long as necessary. All synchronous inputs are
ignored when
CENishighandtheinternaldeviceregisterswillholdtheir
previous values.
There are three chip enable pins (
CE1, CE2, CE2) that allow the
user to deselect the device when desired. If any one of these three is not
assertedwhenADV/
LDislow,nonewmemoryoperationcanbeinitiated.
However, any pending data transfers (reads or writes) will be completed.
The data bus will tri-state one cycle after the chip is deselected or a write
isinitiated.
The IDT71T75702/902 have an on-chip burst counter. In the burst
mode, the IDT71T75702/902 can provide four cycles of data for a single
address presented to the SRAM. The order of the burst sequence is
defined by the
LBO input pin. The LBO pin selects between linear and
interleaved burst sequence. The ADV/
LD signal is used to load a new
externaladdress(ADV/
LD=LOW)orincrementtheinternalburstcounter
(ADV/
LD = HIGH).
The IDT71T75702/902 SRAMs utilize IDT’s high-performance
CMOS process, and are packaged in a JEDEC Standard 14mm x 20mm
100-pin plastic thin quad flatpack (TQFP) as well as a 119 ball grid array
(BGA).
Features
x
x
x
x
x
512K x 36, 1M x 18 memory configurations
x
x
x
x
x
Supports high performance system speed - 100 MHz
(7.5 ns Clock-to-Data Access)
x
x
x
x
x
ZBTTM Feature - No dead cycles between write and read cycles
x
x
x
x
x
Internally synchronized output buffer enable eliminates the
need to control
OE
OE
OE
OE
OE
x
x
x
x
x
Single R/
W
W
W
W
W (READ/WRITE) control pin
x
x
x
x
x
4-word burst capability (Interleaved or linear)
x
x
x
x
x
Individual byte write (
BW
BW
BW
BW
BW1 - BW
BW
BW
BW
BW4) control (May tie active)
x
x
x
x
x
Three chip enables for simple depth expansion
x
x
x
x
x
2.5V power supply (±5%)
x
x
x
x
x
2.5V (±5%) I/O Supply (VDDQ)
x
x
x
x
x
Power down controlled by ZZ input
x
x
x
x
x
Boundary Scan JTAG Interface (IEEE 1149.1 Compliant)
x
x
x
x
x
Packaged in a JEDEC standard 100-pin plastic thin quad
flatpack (TQFP), 119 ball grid array (BGA)
Description
The IDT71T75702/902 are 2.5V high-speed 18,874,368-bit
(18 Megabit) synchronous SRAMs organized as 512K x 36 /1M x 18.
They are designed to eliminate dead bus cycles when turning the bus
around between reads and writes, or writes and reads. Thus they have
been given the name ZBTTM, or Zero Bus Turnaround.
AddressandcontrolsignalsareappliedtotheSRAMduringoneclock
cycle, and on the next clock cycle the associated data cycle occurs, be
it read or write.
IDT71T75702
IDT71T75902
512K x 36, 1M x 18
2.5V Synchronous ZBT™ SRAMs
2.5V I/O, Burst Counter
Flow-Through Outputs
FEBRUARY 2009


Similar Part No. - IDT71T7570285PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T75702 IDT-IDT71T75702 Datasheet
636Kb / 26P
   512K x 36, 1M x 18 2.5V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Flow-Through Outputs
More results

Similar Description - IDT71T7570285PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_17 Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com