Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMP16C552 Datasheet(PDF) 8 Page - IMP, Inc

Part # IMP16C552
Description  Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP16C552 Datasheet(HTML) 8 Page - IMP, Inc

Back Button IMP16C552 Datasheet HTML 4Page - IMP, Inc IMP16C552 Datasheet HTML 5Page - IMP, Inc IMP16C552 Datasheet HTML 6Page - IMP, Inc IMP16C552 Datasheet HTML 7Page - IMP, Inc IMP16C552 Datasheet HTML 8Page - IMP, Inc IMP16C552 Datasheet HTML 9Page - IMP, Inc IMP16C552 Datasheet HTML 10Page - IMP, Inc IMP16C552 Datasheet HTML 11Page - IMP, Inc IMP16C552 Datasheet HTML 12Page - IMP, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MASTER RESET
A low level input on RESET* pin reset both serial channels and parallel port and forces internal
register and output pins as shown in Table 1.
TABLE1-Reset Configuration of Registers and Output signal for serial channel
Register/signal
Reset control
Reset state
Interrupt Enable register
Interrupt Identification
Register
Line Control Register
Mode Control Register
Line Status Register
Mode Status Register
SOUT
INTRPT(RCVR ERRS)
INTRPT(RCVR DATA READY)
INTRPT(THRE)
RTS*
DTR*
RCVR FIFO
Master Reset
Master Reset
Master Reset
Master Reset
Master Reset
Master Reset
MODEM Signal Inputs
Master Reset
Master Reset/Read LSR
Master Reset /Read RBR
Master Reset /Read II/write
THR
Master Reset
Master Reset
Master Reset
All bits low-bits(4-7)are
Permanently low
Bit
0is
forced
high
and
bits(1-3),6,7are
Forced
low-bits
4and
5are
permanently Low
All bits low
All bits low-bits (5-7) are
permanently Low
All
bits
low-except
nits
5.6which are high
Bits(0-3) low
Bits(4-7)follow input signals
High
Low
Low
Low
High
High
Undefined data
8
408-432-9100/www.impweb.com
© 2002 IMP, Inc.
Operational Description
IMP16C552
IMP16C552


Similar Part No. - IMP16C552

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP16C554 IMP-IMP16C554 Datasheet
510Kb / 20P
   Quad Universal Asynchronous Receiver/Transmitter (UART) with FIFOs
IMP16C554-CJ68 IMP-IMP16C554-CJ68 Datasheet
510Kb / 20P
   Quad Universal Asynchronous Receiver/Transmitter (UART) with FIFOs
IMP16C554-LJ68 IMP-IMP16C554-LJ68 Datasheet
510Kb / 20P
   Quad Universal Asynchronous Receiver/Transmitter (UART) with FIFOs
More results

Similar Description - IMP16C552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C750 PHILIPS-SC16C750 Datasheet
598Kb / 45P
   Universal Asynchronous Receiver/Transmitter (UART) with 64-byte FIFO
Rev. 04-20 June 2003
logo
Exar Corporation
ST16C552 EXAR-ST16C552 Datasheet
222Kb / 39P
   DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
logo
NXP Semiconductors
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
   Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
   Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Exar Corporation
ST78C36 EXAR-ST78C36_05 Datasheet
636Kb / 28P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36 EXAR-ST78C36 Datasheet
133Kb / 26P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36CJ44-F EXAR-ST78C36CJ44-F Datasheet
643Kb / 27P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST16C450 EXAR-ST16C450 Datasheet
182Kb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com