Electronic Components Datasheet Search |
|
IDT71V016SA Datasheet(PDF) 5 Page - Integrated Device Technology |
|
IDT71V016SA Datasheet(HTML) 5 Page - Integrated Device Technology |
5 / 9 page 5 IDT71V016SA, 3.3V CMOS Static RAM 1 Meg (64K x 16-Bit) Commercial and Industrial Temperature Ranges 71V016SA10 71V016SA12 71V016SA15 71V016SA20 Symbol Parameter Min. Max. Min. Max. Min. Max. Min. Max. Unit READ CYCLE tRC Read Cycle Time 10 ____ 12 ____ 15 ____ 20 ____ ns tAA Address Access Time ____ 10 ____ 12 ____ 15 ____ 20 ns tACS Chip Select Access Time ____ 10 ____ 12 ____ 15 ____ 20 ns tCLZ(1) Chip Select Low to Output in Low-Z 4 ____ 4 ____ 5 ____ 5 ____ ns tCHZ(1) Chip Select High to Output in High-Z ____ 5 ____ 6 ____ 6 ____ 8ns tOE Output Enable Low to Output Valid ____ 5 ____ 6 ____ 7 ____ 8ns tOLZ(1) Output Enable Low to Output in Low-Z 0 ____ 0 ____ 0 ____ 0 ____ ns tOHZ(1) Output Enable High to Output in High-Z ____ 5 ____ 6 ____ 6 ____ 8ns tOH Output Hold from Address Change 4 — 4 — 4 — 4 — ns tBE Byte Enable Low to Output Valid — 5 — 6 — 7 ____ 8ns tBLZ(1) Byte Enable Low to Output in Low-Z 0 ____ 0 ____ 0 ____ 0 ____ ns tBHZ(1) Byte Enable High to Output in High-Z ____ 5 ____ 6 ____ 6 ____ 8ns WRITE CYCLE tWC Write Cycle Time 10 ____ 12 ____ 15 ____ 20 ____ ns tAW Address Valid to End of Write 7 ____ 8 ____ 10 ____ 12 ____ ns tCW Chip Select Low to End of Write 7 ____ 8 ____ 10 ____ 12 ____ ns tBW Byte Enable Low to End of Write 7 ____ 8 ____ 10 ____ 12 ____ ns tAS Address Set-up Time 0 ____ 0 ____ 0 ____ 0 ____ ns tWR Address Hold from End of Write 0 ____ 0 ____ 0 ____ 0 ____ ns tWP Write Pulse Width 7 ____ 8 ____ 10 ____ 12 ____ ns tDW Data Valid to End of Write 5 ____ 6 ____ 7 ____ 9 ____ ns tDH Data Hold Time 0 ____ 0 ____ 0 ____ 0 ____ ns tOW(1) Write Enable High to Output in Low-Z 3 ____ 3 ____ 3 ____ 3 ____ ns tWHZ(1) Write Enable Low to Output in High-Z ____ 5 ____ 6 ____ 6 ____ 8ns 3834 tbl 10 Timing Waveform of Read Cycle No. 1(1,2,3) NOTES: 1. WE is HIGH for Read Cycle. 2. Deviceiscontinuouslyselected, CSisLOW. 3. OE, BHE, and BLE are LOW. AC Electrical Characteristics (VDD= Min. to Max., Commercial and Industrial Temperature Ranges) DATAOUT ADDRESS 3834 drw 06 tRC tAA tOH tOH DATAOUT VALID PREVIOUS DATAOUT VALID NOTE: 1. This parameter is guaranteed with the AC Load (Figure 2) by device characterization, but is not production tested. |
Similar Part No. - IDT71V016SA |
|
Similar Description - IDT71V016SA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |