Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-0004125 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AN-0004125
Description  Mounting Methods for High Power RF Plastic Devices
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AN-0004125 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AN-0004125 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AN-0004125 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AN-0004125 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AN-0004125 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. AN-0004125 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. AN-0004125 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. AN-0004125 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. AN-0004125 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. AN-0004125 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
2
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) / process(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Mounting Methods for High Power RF Plastic Devices
AN-0004125
Rev. V1
Heat slug Attach – Solder-Down Method
The first consideration in mounting the high power
plastic package is the heat slug attach. There are
two ways this can be accomplished, the solder-down
method or bolt-down method. The best way to
mount the heat slug is the solder-down method.
When done correctly, it provides a consistent bond
between the package heat slug and the carrier of the
board ensuring good thermal contact and electrical
grounding for the life of the device.
The carrier is typically made of metal, usually copper
or aluminum, and has a solderable surface. A
copper carrier is usually plated with Ni followed by a
thin layer of Au to prevent the Ni from oxidizing. An
aluminum carrier is typically plated by a zincation
process, followed by Ni and a thin Au layer.
The solder can be introduced as either preform or
paste. Solder preform, which is a pre-cut solder foil
usually coated with flux, is the preferred material.
This typically produces less voiding than solder
paste, resulting in better thermal transfer from the
device to the carrier or heat sink. There are many Pb
-based and Pb-free solders available, along with
recommended solder reflow profiles, from the solder
material suppliers. No-clean flux is recommended as
this does not require an aqueous cleaning step after
solder reflow. The heat slug can be soldered to the
carrier as a separate process step or be done at the
same time as the other components and the leads of
the package are soldered to the PCB. Refer to Table
1 and Figure 7 for standard Sn-Pb and PB-free
reflow profiles. In general to minimize solder voiding
the soak time should be extended to drive off flux
and the peak temp should be below 240°C.
Heat Slug Attach – Bolt-Down Method
Even though soldering the heat slug provides the
best interface, there are still customers that prefer to
bolt down the part. With the bolt-down method, it is
even more important to use the correct hardware,
surface finish, cavity height, etc. because there is no
solder to compensate for variations between the
heat slug and carrier. For bolt-down mounting the
carrier is typically machined or die cast using an
aluminum alloy. The surface flatness of the carrier
should not exceed 0.4 mils / inch (0.4 micron / mm)
and the average surface roughness (Ra) of the
carrier should not exceed 32 micron-inches (0.8
microns). These values can typically be achieved by
conventional machining without needing to add
process steps such as lapping or polishing. Casting
can not usually achieve the appropriate flatness and
roughness without an additional machining step in
the area where the part is mounted to the carrier.
Using the bolt-down method it is important for the
center of the heat slug to be in direct contact with
the carrier, so that there is a good thermal path
directly beneath the semiconductor device. To
accomplish this, MACOM recommends using a
specially designed clamp that is placed on top of the
part during bolt-down, see Figure 2. The clamp has
a convex surface on the bottom that has been
demonstrated to apply the appropriate force to the
center of the package which is transferred to the
backside interface between the heat slug and the
carrier. The clamp is made of a polyamide glass-
fiber reinforced material that can handle the bolt-
down stress as well as maintain its properties during
the life of the device, even in different environmental
conditions. The clamp for the TO-272 style
packages can be purchased from Richardson RFPD
as part # TO270WB.


Similar Part No. - AN-0004125

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AN-0004144 MA-COM-AN-0004144 Datasheet
570Kb / 4P
   Vacuum Release Tray Handling
More results

Similar Description - AN-0004125

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2731128 PHOENIX-2731128 Datasheet
82Kb / 2P
   Mounting plate for Ruggedline devices
logo
Maxim Integrated Produc...
MAX6605MXK MAXIM-MAX6605MXK Datasheet
90Kb / 8P
   RELIABILITY REPORT FOR PLASTIC ENCAPSULATED DEVICES
Rev. A June 4, 2002
logo
Shanghai Leiditech Elec...
LDTK-6G LEIDITECH-LDTK-6G Datasheet
2Mb / 2P
   Surge Protective Devices For RF equipment
logo
PREMO CORPORATION S.L
FAM_FILE00000052 PREMO-FAM_FILE00000052 Datasheet
122Kb / 1P
   Plastic case filter for PCB mounting
logo
Unisonic Technologies
UTCMCR100 UTC-UTCMCR100 Datasheet
15Kb / 2P
   PLASTIC SILICON CONTROLLED RECTIFIERS(PNPN devices designed for high volume)
logo
Maxim Integrated Produc...
MAX5026EUT MAXIM-MAX5026EUT Datasheet
93Kb / 8P
   RELIABILITY REPORT FOR MAX5026EUT PLASTIC ENCAPSULATED DEVICES
Rev. A March 12, 2003
MAX2055EUP MAXIM-MAX2055EUP Datasheet
128Kb / 8P
   RELIABILITY REPORT FOR MAX2055EUP PLASTIC ENCAPSULATED DEVICES
Rev. A April 2, 2004
logo
WAGO Kontakttechnik Gmb...
787-895 WAGO-787-895 Datasheet
123Kb / 3P
   Mounting carrier; for screw fixing of 787-8xx devices on mounting plate
logo
Maxim Integrated Produc...
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com