Electronic Components Datasheet Search |
|
SLM600PS60-D Datasheet(PDF) 2 Page - XP Power Limited |
|
SLM600PS60-D Datasheet(HTML) 2 Page - XP Power Limited |
2 / 2 page 17-Apr-07 600 W 2.77 (71.0) 300 W 2.61 (67.0) INPUT EARTH NEUTRAL LINE INTERNAL FAN 600 W ONLY REMOTE ON/OFF POWER SHARE AC FAIL SIGNAL OUTPUT +V+V+V -V -V -V 4.95 (127.0) 4.33 (111.0) A A A A SL & SLM Series Mechanical Details Nominal Output Voltage(2,3) Output Voltage Trim OVP Setting Typical(1) Output Current Code 300 W 600 W 12 V 11-14 V 15.3 V 25.0 A 50.0 A 12 24 V 22-29 V 30.7 V 12.0 A 25.0 A 24 36 V 33-42 V 45.9 V 8.0 A 16.5 A 36 48 V 44-57 V 61.2 V 6.0 A 12.5 A 48 60 V 55-70 V 76.5 V 5.0 A 10.0 A 60 96 V 88-114 V 127.5 V 3.0 A 6.0 A C1 Model Numbering Models and Ratings Notes 1. Overvoltage protection is by the inverter shutdown method and can only be reset by disconnecting the input voltage. 2. Output characteristic constant voltage - constant current type, ideal for non-linear loads. 3. Other output voltages available, consult sales for details. Input connectors: 0.37” (9.5mm) pitch M4 barrier block. Signals: 3 X 0.04” (3 X 1.0mm) pins 1.0” (25.4mm) pitch (ROF, power share and AC fail). Fixings (ref ‘A’): M3 ISO Metric (Screws must not penetrate unit by more than 0.20” (5.0mm). Notes 1. 300 W models are convection cooled. 600 W models are fan cooled. 2. Not available on 12 V output. SL = Standard SLM = Medically Approved P = PFC -C = Cover -D = ORing Diode(2) -E = Conformal Coating -M = Ruggedisation -N = Temperature Compensation -T = Overtemperature Protection Inputs Outputs Options EXAMPLE: SL 300 P S 24 - C SL = Standard C = Safety Cover Fitted 300 = Power 24 = Output 24 VDC S = Single Output P = PFC Input 300 600 S = Single No. of Outputs Power (Watts)(1) Style 12 = 12 V 24 = 24 V 48 = 48 V 60 = 60 V C1 = 96 V All dimensions are in inches (mm) Weight: 300 W models - 3.75 lbs (1.7 kg) 600 W models - 4.19 lbs (1.9 kg) |
Similar Part No. - SLM600PS60-D |
|
Similar Description - SLM600PS60-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |