Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44460 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC44460
Description  PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44460 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC44460 Datasheet HTML 7Page - Motorola, Inc MC44460 Datasheet HTML 8Page - Motorola, Inc MC44460 Datasheet HTML 9Page - Motorola, Inc MC44460 Datasheet HTML 10Page - Motorola, Inc MC44460 Datasheet HTML 11Page - Motorola, Inc MC44460 Datasheet HTML 12Page - Motorola, Inc MC44460 Datasheet HTML 13Page - Motorola, Inc MC44460 Datasheet HTML 14Page - Motorola, Inc MC44460 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC44460
11
MOTOROLA ANALOG IC DEVICE DATA
to prevent the PIP from interfering with the main picture
sync pulses.
PIP Y Position Register
Sub–address = 07h
Y Position Bits (YPS0–5) – D0–D5
Moves the PIP start position from the top to the bottom
edge of the display in 64 steps. There is protection circuitry to
prevent the PIP from interfering with the main picture sync
pulses.
PIP Chroma Level Register
Sub–address = 08h
Chroma (C0–5) – D0–D5
The color of the PIP can be adjusted to suit viewer
preference by setting the value stored in these bits. A total of
64 steps varies the color from no color to maximum. This
control acts in conjunction with the auto phase control.
PIP Tint Level Register
Sub–address = 09h
Tint (T0–5) – D0–D5
An auto phase control compares the main color burst to
the internally generated pseudo color burst so that the tints
are matched. In addition to this, the tint of the PIP can be
varied
±10° in a total of 64 steps by changing the value of
these bits to suit viewer preference.
PIP Luma Delay Register
Sub–address = 0Ah
Y Delay (YDL0–2) – D0–D2
Since the Chroma passes through a bandpass filter and
the color decoder, it is delayed with respect to the Luma
signal. Therefore, to time match the Luma and Chroma these
bits are set to a single value determined to be correct in the
application.
Pip Fill/Test Register
Sub–address = 0Ch
PIP Fill Bits (PIPFILL0–1) – D0–D1
May be used to fill the PIP with one of three selectable
solid colors
Test Register Bits (INTC0 and MACR0) – D6–D7
Used for production test only.
I2C REGISTER TABLE
Sub–
address
Data Bit
Sub–
address
D7
D6
D5
D4
D3
D2
D1
D0
00
RPS3
RPS2
RPS1
RPS0
WPS2
WPS1
WPS0
01
VFON
PSD3
PSD2
PSD1
PSD0
02
BC2
BC1
BC0
03
MHP0
MVP0
ITM2
ITM1
ITM0
04
PSEL0
MSEL0
PSI90
STIL0
05
PBL0
PON0
06
XPS5
XPS4
XPS3
XPS2
XPS1
XPS0
07
YPS5
YPS4
YPS3
YPS2
YPS1
YPS0
08
C5
C4
C3
C2
C1
C0
09
T5
T4
T3
T2
T1
T0
0A
YDL2
YDL1
YDL0
0B
0C


Similar Part No. - MC44460

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44461 MOTOROLA-MC44461 Datasheet
317Kb / 16P
   PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44462 MOTOROLA-MC44462 Datasheet
187Kb / 7P
   Y?밅 PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44462B MOTOROLA-MC44462B Datasheet
187Kb / 7P
   Y?밅 PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44463 MOTOROLA-MC44463 Datasheet
203Kb / 8P
   REPLAY AND MULTIPLE PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44463B MOTOROLA-MC44463B Datasheet
203Kb / 8P
   REPLAY AND MULTIPLE PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
More results

Similar Description - MC44460

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44461 MOTOROLA-MC44461 Datasheet
317Kb / 16P
   PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44462 MOTOROLA-MC44462 Datasheet
187Kb / 7P
   Y?밅 PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44463 MOTOROLA-MC44463 Datasheet
203Kb / 8P
   REPLAY AND MULTIPLE PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
logo
NXP Semiconductors
SAB9077H PHILIPS-SAB9077H Datasheet
192Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 07
SAB9076H PHILIPS-SAB9076H Datasheet
235Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 13
SAB9081 PHILIPS-SAB9081 Datasheet
101Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
SAB9079HS PHILIPS-SAB9079HS Datasheet
183Kb / 48P
   Multistandard Picture-In-Picture PIP controller
2000 Jan 13
SAB9082 PHILIPS-SAB9082 Datasheet
102Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9080 PHILIPS-SAB9080 Datasheet
99Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9083 PHILIPS-SAB9083 Datasheet
104Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com