Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44460 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC44460
Description  PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44460 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC44460 Datasheet HTML 5Page - Motorola, Inc MC44460 Datasheet HTML 6Page - Motorola, Inc MC44460 Datasheet HTML 7Page - Motorola, Inc MC44460 Datasheet HTML 8Page - Motorola, Inc MC44460 Datasheet HTML 9Page - Motorola, Inc MC44460 Datasheet HTML 10Page - Motorola, Inc MC44460 Datasheet HTML 11Page - Motorola, Inc MC44460 Datasheet HTML 12Page - Motorola, Inc MC44460 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MC44460
9
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION (continued)
Pin
Description
Equivalent Internal Circuit
49
4.8 k
49
75
Composite
Video
Video Out
The selected Video 1/2 input is available at the Video Out mixed with
the PIP overlay when selected. This signal is a nominal 2.0 V
peak–to–peak signal unterminated. This connection is intended to
drive an external series 75
Ω load into a 75 Ω termination to ground to
provide a 1.0 Vpp signal at the termination.
51
0.1
51
ADC Mid Reference
The mid–point of the A/D converter reference divider network is
brought out on this pin in order to add a filter capacitor to remove any
noise in the network.
54, 53, 52,
42, 41, 40
45
0.01
Encoder and Decoder YUV Caps
During the internal H rate clamping time the YUV reference levels are
set by the charge on the capacitors attached to these pins. The
nominal value of these capacitors should be 0.01
µF.
Pins 11 to 13, 16 to 27, 55 and 56 are test pins configured as outputs in a high impedance state. In an application, no connection should be made to these pins.
Figure 1. I2C Data Transfer
MSB
MSB
ACK
ACK
1
2
7
8
9
1
2
7
8
9
S
Slave Address
R/W
A
Data
A
Data
A
P
Data Transferred
(n Bytes + Acknowledge)
A = Acknowledge
S = Start
P = Stop
Start
Condition
Stop
Condition


Similar Part No. - MC44460

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44461 MOTOROLA-MC44461 Datasheet
317Kb / 16P
   PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44462 MOTOROLA-MC44462 Datasheet
187Kb / 7P
   Y?밅 PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44462B MOTOROLA-MC44462B Datasheet
187Kb / 7P
   Y?밅 PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44463 MOTOROLA-MC44463 Datasheet
203Kb / 8P
   REPLAY AND MULTIPLE PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44463B MOTOROLA-MC44463B Datasheet
203Kb / 8P
   REPLAY AND MULTIPLE PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
More results

Similar Description - MC44460

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44461 MOTOROLA-MC44461 Datasheet
317Kb / 16P
   PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44462 MOTOROLA-MC44462 Datasheet
187Kb / 7P
   Y?밅 PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44463 MOTOROLA-MC44463 Datasheet
203Kb / 8P
   REPLAY AND MULTIPLE PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
logo
NXP Semiconductors
SAB9077H PHILIPS-SAB9077H Datasheet
192Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 07
SAB9076H PHILIPS-SAB9076H Datasheet
235Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 13
SAB9081 PHILIPS-SAB9081 Datasheet
101Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
SAB9079HS PHILIPS-SAB9079HS Datasheet
183Kb / 48P
   Multistandard Picture-In-Picture PIP controller
2000 Jan 13
SAB9082 PHILIPS-SAB9082 Datasheet
102Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9080 PHILIPS-SAB9080 Datasheet
99Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9083 PHILIPS-SAB9083 Datasheet
104Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com