Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

310215-3 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 310215-3
Description  Reason for revision is given in Section 8, REVISION SUMMARY.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

310215-3 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  310215-3 Datasheet HTML 1Page - TE Connectivity Ltd 310215-3 Datasheet HTML 2Page - TE Connectivity Ltd 310215-3 Datasheet HTML 3Page - TE Connectivity Ltd 310215-3 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product and/or Company names may be trademarks of their respective owners.
1 of 4
Instruction Sheet
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
LOC B
408-6795
MTA Terminating Head 58082-1
01 SEP 11 Rev A
Figure 1
1. INTRODUCTION
This instruction sheet covers the operation and
maintenance of TE Connectivity MTA Terminating
Head 58082-1 for use in Pistol Grip Manual Handle
Assembly 58074-1, or Pistol Grip Pneumatic Handle
Assembly 58075-1. Read these instructions
thoroughly before using the heads. Refer to the
instructions packaged with the pistol grip handle
assembly for head installation and removal.
Dimensions in this instruction sheet are in
millimeters [with inches in brackets]. Figures and
illustrations are for reference only and are not
drawn to scale.
Reason for revision is given in Section 8, REVISION
SUMMARY.
2. DESCRIPTION
This head is designed to terminate wires in MTA
(Mass Termination Assembly) posted connectors with
contacts on 3.96 mm [.156] centers (MTA-156). See
table in Figure 1.
The MTA system uses the Insulation Displacement
Technique which is a method of inserting unstripped
wire into a slotted contact beam to form a reliable
electrical connection between the conductor and
contact.
After the head is inserted into the pistol grip handle
assembly, it serves as a guide and support for the
connector during termination. Features of the head
(see Figure 1) and their functions are as follows:
Wire Inserter - forces wire into the two slotted beams
of the contact. (Note that it provides support for the
contact beams when applying insertion force on the
wire.)
Adjuster - is a piston for - and regulates travel of - the
wire inserter.
Feed Slide - automatically positions the connector
after each termination.
Index Pawl - aligns connector for insertion, and retains
it during termination
3. SETUP ADJUSTMENTS AND TEST
The adjuster (insertion rod) of the wire inserter is
present for wire sizes 18 through 26 AWG. If the wire
is being inserted too deep or not deep enough inside
the contact, it may be necessary to adjust the depth of
the wire inserter; or, if the pneumatic handle assembly
is being used, it may be necessary to adjust either the
air pressure or the depth of the wire inserter.
3.1. For Pistol Grip Manual Handle Assembly
1. Determine the wire size, and select the
appropriate connector. (Connectors are color-coded
according to the wire sizes they accommodate.)
2. Using a small knife, cut off the wire retainers
(strain relief). This will provide a clear view for
inspecting the connector for a properly terminated
wire in the contact. See Figure 2.
Wire retainers are removed to provide a connector
for testing only. Do NOT use such connectors for
production applications.
3. Place connector in tool and make a test
termination using procedure described in Section 4,
TERMINATING PROCEDURE, Steps 1 through 6.
4. Push connector out of right side of head.
5. Inspect termination in accordance with Section 5,
INSPECTION, Steps 1 through 6.
If you determine that the wire insertion depth is
incorrect, proceed to Paragraph 3.3, Wire Insertion
Depth Adjustment.
WIRE SIZE
(AWG)
POSTED CONNECTORS (MTA-156)
COLOR
CODE
CLOSED
END
FEED
THROUGH
18
Orange
641435
641522
20
Yellow
641436
641523
22
Red
641437
641524
24
Natural
641438
641525
26
Blue
641439
641526
Index Pawl
Feed Slide
Wire Inserter
Adjuster
Head
NOTE
i
CAUTION
!


Similar Part No. - 310215-3

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
3102 GILWAY-3102 Datasheet
33Kb / 1P
   T- Subminiature Lamps
logo
Voltage Multipliers Inc...
3102 VMI-3102 Datasheet
151Kb / 2P
   200 V - 1,000 V Three Phase Bridge 2.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
List of Unclassifed Man...
3102 ETC2-3102 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
Heyco.
3102 HEYCO-3102 Datasheet
135Kb / 1P
   Large Dome Plugs
logo
KR Electronics, Inc.
3102-10 KR-3102-10 Datasheet
47Kb / 2P
   10 MHz Highpass Filter
More results

Similar Description - 310215-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4342 MACOM-408-4342 Datasheet
254Kb / 5P
   Reason for revision can be found in Section 11, REVISION SUMMARY.
408-1826 MACOM-408-1826 Datasheet
186Kb / 4P
   Reasons for reissue are given in Section 7, REVISION SUMMARY.
408-4291 MACOM-408-4291 Datasheet
170Kb / 3P
   Reasons for revision can be found in Section 9, REVISION SUMMARY.
408-4344 MACOM-408-4344 Datasheet
239Kb / 5P
   Reasons for revision can be found in Section 11, REVISION SUMMARY.
408-4346 MACOM-408-4346 Datasheet
244Kb / 5P
   Reasons for revision can be found in Section 11, REVISION SUMMARY.
408-10033 MACOM-408-10033 Datasheet
205Kb / 6P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
408-10175 MACOM-408-10175 Datasheet
340Kb / 7P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
408-10029 MACOM-408-10029 Datasheet
237Kb / 9P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-8848 TEC-408-8848 Datasheet
488Kb / 6P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-4090 MACOM-408-4090 Datasheet
163Kb / 3P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com