Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44144 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC44144
Description  SUBCARRIER PHASE?밚OCKED LOOP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44144 Datasheet(HTML) 4 Page - Motorola, Inc

  MC44144 Datasheet HTML 1Page - Motorola, Inc MC44144 Datasheet HTML 2Page - Motorola, Inc MC44144 Datasheet HTML 3Page - Motorola, Inc MC44144 Datasheet HTML 4Page - Motorola, Inc MC44144 Datasheet HTML 5Page - Motorola, Inc MC44144 Datasheet HTML 6Page - Motorola, Inc MC44144 Datasheet HTML 7Page - Motorola, Inc MC44144 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC44144
4
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION
Name
Pin
Representative Circuitry
Description
Expected Waveforms
Subcarrier
Output
1
5.0k
200
VCC
Subcarrier Output. A
phase–locked reference of the
PAL or NTSC color burst is
output at this pin.
A 300 mVpp square wave is output.
Some high frequency content is
present.
Ground
2
Circuit Ground
Phase
Detector
Output
3
1.0k
31k
33k
2.5V
The error current from the
phase detector is output at this
pin. A filter circuit should be
connected at this pin.
A beat waveform, showing both
horizontal period and half the
subcarrier period, is present.
Vlock
Line Period
1/2 Subcarrier Period
4X Sub Xtal
4
gm
2.0k
400
VCC
Vref
gm
Crystal Oscillator Pin. A 4X
subcarrier parallel resonant
crystal, in series with a 5.0 to
25 pF trimmer capacitor
provides the resonant element
for the Voltage Controlled
Crystal Oscillator (VCXO).
Approximately 40 mVpp. A scope
probe will disturb the frequency of
oscillation.
4X Subcarrier
Output (or
Black Burst)
5
5.0k
VCC
Buffered output from the 4X
voltage controlled oscillator.
The sinusoidal 4Xfsc oscillator output
is available at this pin.
The output is nominally:
525 mVpp for NTSC,
425 mVpp for PAL.
Composite
Video Input
(Black Burst,
Continuous
Wave, or
Composite
Chroma
can also be
applied)
6
22k
VCC
Composite Video Input. Color
burst from the video present at
this pin is used as a reference
to phase lock the VCXO.
Positive or negative video may
be used.
Composite video should be applied
at this pin. The color burst
amplitude of the input video should
be at least 50 mV, but no more than
1000 mV. The waveform at this pin
should not exceed ground or VCC.
VCC
GND
2.6V
Burst Gate
Input
7
VCC
22k
22k
Input for the phase detector
gate pulse. TTL compatible.
The threshold is nominally
2.6V.
A positive going gate pulse should
be applied at this pin. The Burst Gate
input should envelope the color
burst.
Pin 7
2.2V
Pin 6
VCC
8
Power Supply Pin. 5.0 Vdc
should be applied at this pin.


Similar Part No. - MC44144

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44140 MOTOROLA-MC44140 Datasheet
89Kb / 14P
   Chroma Delay Line HCMOS Technology
MC44140DW MOTOROLA-MC44140DW Datasheet
89Kb / 14P
   Chroma Delay Line HCMOS Technology
MC44140P MOTOROLA-MC44140P Datasheet
89Kb / 14P
   Chroma Delay Line HCMOS Technology
MC44145 MOTOROLA-MC44145 Datasheet
73Kb / 8P
   PIXEL CLOCK GENERATOR / SYNC SEPARATOR
MC44145D MOTOROLA-MC44145D Datasheet
73Kb / 8P
   PIXEL CLOCK GENERATOR / SYNC SEPARATOR
More results

Similar Description - MC44144

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA1044 ETC1-SAA1044 Datasheet
368Kb / 7P
   SUBCARRIER COUPLER
logo
ON Semiconductor
MC14046B ONSEMI-MC14046B Datasheet
181Kb / 7P
   Phase Locked Loop
REV 4
logo
Z-Communications, Inc
PCA0300A-LF ZCOMM-PCA0300A-LF_10 Datasheet
169Kb / 2P
   PHASE LOCKED LOOP
PSA0869A-LF ZCOMM-PSA0869A-LF_10 Datasheet
87Kb / 2P
   PHASE LOCKED LOOP
PSA1650A ZCOMM-PSA1650A_10 Datasheet
86Kb / 2P
   PHASE LOCKED LOOP
PSA1675A ZCOMM-PSA1675A Datasheet
82Kb / 2P
   PHASE LOCKED LOOP
PSA2444A ZCOMM-PSA2444A Datasheet
86Kb / 2P
   PHASE LOCKED LOOP
PSA2570C ZCOMM-PSA2570C Datasheet
85Kb / 2P
   PHASE LOCKED LOOP
PSA3245C-LF ZCOMM-PSA3245C-LF Datasheet
85Kb / 2P
   PHASE LOCKED LOOP
PSA3600C-LF ZCOMM-PSA3600C-LF Datasheet
87Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com