Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44011FN Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC44011FN
Description  BUS CONTROLLED MULTISTANDARD VIDEO PROCESSOR
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44011FN Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC44011FN Datasheet HTML 5Page - Motorola, Inc MC44011FN Datasheet HTML 6Page - Motorola, Inc MC44011FN Datasheet HTML 7Page - Motorola, Inc MC44011FN Datasheet HTML 8Page - Motorola, Inc MC44011FN Datasheet HTML 9Page - Motorola, Inc MC44011FN Datasheet HTML 10Page - Motorola, Inc MC44011FN Datasheet HTML 11Page - Motorola, Inc MC44011FN Datasheet HTML 12Page - Motorola, Inc MC44011FN Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
MC44011
9
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION
FB
FN
QFP
PLCC
Representative Circuitry
Description
Pin
Representative Circuitry
(Pin numbers refer to PLCC package)
Description
(Pin numbers refer to PLCC package)
39, 41
1, 3
0.47
Video
Input
470
47 pF
10 M
20 k
Video Input 1 & 2 – Video 1 (Pin 1) and Video 2
(Pin 3) are composite video inputs. Either can be
NTSC or PAL. Input impedance is high, termination
must be external. Also used for the luma and chroma
components of an S–VHS signal. Selection of these
inputs is done by software. External components
protect against ESD and noise.
40
2
2
0.1
ACC Filter – A 0.1
µF capacitor at this pin filters the
feedback loop of the chroma automatic gain control
amplifier. Input chroma burst amplitude can be
between 30 and 600 mVpp.
42
4
5.0
10 k
Vertical Sync
4
Vertical Sync Output – An open collector output
requiring an external pull–up. Output is an active low
pulse, 500
µs wide, occurring each field. Timing of this
pulse depends on Bit $78–7.
43
5
100 k
From MCU
5
SCL – Clock for the I2C bus interface. See Appendix C
for specifications. Maximum frequency is 100 kHz.
44
6
180 k
To/ From MCU
6
SDL – Bidirectional data line for the I2C bus interface.
As an output, it is an open collector. (Write Address
$8A, Read Address $8B)
1
7
100 k
12 k
Field ID
7
Field ID – TTL level output indicating Field 1 or Field 2.
Polarity depends on state of Bit $78–7 (Vertical Sync
Delay). See Table 11 and Figure 33 and 34.
2
8
(Same as Pin 7)
Burst Gate – TTL level output used for external
clamps, as well as internally. Pulse is active high,
≈ 3.5 µs wide, with the rising edge ≈ 3.0 µs after
center of selected incoming sync pulse.
3
9
2.2
µF / /
0.01
110 k
5.0
20 k
8.0 k
9
Reference Current Input – Current supplied to this
pin, typically 32
µA from 5.0 V through a 110 kΩ
resistor, is the reference current for the calibration
circuit. Noise filtering should be done at the pin.
Voltage at this pin is typically 1.2 V.
4
10
(See power distribution diagram at the end of this section.)
Quiet Ground – Ground for the horizontal PLL filter
(PLL #1) at Pin 11.


Similar Part No. - MC44011FN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44001 MOTOROLA-MC44001 Datasheet
5Mb / 69P
   Chroma 4 Multistandard Video Processor
MC44002 MOTOROLA-MC44002 Datasheet
493Kb / 40P
   CHROMA 4 VIDEO PROCESSOR
MC44002P MOTOROLA-MC44002P Datasheet
493Kb / 40P
   CHROMA 4 VIDEO PROCESSOR
MC44007P MOTOROLA-MC44007P Datasheet
493Kb / 40P
   CHROMA 4 VIDEO PROCESSOR
MC44030 MOTOROLA-MC44030 Datasheet
152Kb / 4P
   MULTISTANDARD VIDEO SIGNAL PROCESSOR WITH INTEGRATED CHROMA DELAY LINE
More results

Similar Description - MC44011FN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV223XD STMICROELECTRONICS-STV223XD Datasheet
1Mb / 76P
   I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
STV224X STMICROELECTRONICS-STV224X_09 Datasheet
3Mb / 86P
   I짼C bus-controlled multistandard single chip TV processor
STV224XH STMICROELECTRONICS-STV224XH Datasheet
2Mb / 86P
   I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
logo
Motorola, Inc
MC44001 MOTOROLA-MC44001 Datasheet
5Mb / 69P
   Chroma 4 Multistandard Video Processor
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
MSP44X8G MICRONAS-MSP44X8G Datasheet
665Kb / 85P
   Multistandard Sound Processor
MSP3400C MICRONAS-MSP3400C Datasheet
659Kb / 73P
   Multistandard Sound Processor
logo
Motorola, Inc
MC44030 MOTOROLA-MC44030 Datasheet
152Kb / 4P
   MULTISTANDARD VIDEO SIGNAL PROCESSOR WITH INTEGRATED CHROMA DELAY LINE
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
logo
Curtis Electromusic.
CEM5570 CES-CEM5570 Datasheet
462Kb / 14P
   BUS CONTROLLED SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com