Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VEH40US12 Datasheet(PDF) 2 Page - XP Power Limited

Part # VEH40US12
Description  Energy Efficiency Level V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VEH40US12 Datasheet(HTML) 2 Page - XP Power Limited

  VEH40US12 Datasheet HTML 1Page - XP Power Limited VEH40US12 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
02-May-14
VEH20/40
Models and Ratings
Notes
VEH20
VEH40
1. Other output voltages available, contact sales for details
2. Total regulation includes line regulation and load regulation.
3. Standard input connector is IEC320-C14 inlet. For optional IEC320-C6 inlet add suffix ‘C6’ to model number, e.g. VEH20US12C6.
4. For optional class II version with IEC320-C8 inlet add suffix ’C2’ to model number e.g. VEH20US12C2
Max Output Power
Output Voltage(1)
Output Current
Total Regulation(2)
Model Number
15 W
5.0 VDC
3.00 A
5%
VEH20US05(3,4)
20 W
12.0 VDC
1.67 A
5%
VEH20US12(3,4)
20 W
15.0 VDC
1.33 A
5%
VEH20US15(3,4)
20 W
18.0 VDC
1.11 A
5%
VEH20US18(3,4)
20 W
24.0 VDC
0.83 A
5%
VEH20US24(3,4)
20 W
48.0 VDC
0.42 A
5%
VEH20US48(3,4)
25 W
5.0 VDC
5.00 A
5%
VEH40US05
40 W
12.0 VDC
3.33 A
5%
VEH40US12
40 W
15.0 VDC
2.67 A
5%
VEH40US15
40 W
18.0 VDC
2.22 A
5%
VEH40US18
40 W
24.0 VDC
1.67 A
5%
VEH40US24
40 W
48.0 VDC
0.83 A
5%
VEH40US48
1. All dimensions are shown in inches (mm). Tolerance ±0.04 (±1.0) max.
2. Weight: 0.37 lbs (170 g) for VEH20, 0.62 lbs (280 g) for VEH40
3. Output connector: is 0.22 (5.5) outer diameter barrel, 0.10 (2.5) inner diameter barrel with center positive (+) and outer shell negative (-). Length is 0.433 (11.0).
4. Output cable length is 48” (1220mm) approx.
5. For European mains lead order part: EU-MAINS-IEC, for IEC320-C14 inlet, EU-MAINS-C5 for IEC320-C6 inlet, EU-MAINS-8 for Class II
6. For UK mains lead order part: UK-MAINS-IEC, for IEC320-C14 inlet, UK-MAINS-C5 for IEC320-C6 inlet, UK-MAINS-8 for Class II
7. For US mains lead order part: US-MAINS-IEC, for IEC320-C14 inlet, US-MAINS-C5 for IEC320-C6 inlet, US-MAINS-8 for Class II
Notes
3.90 (99.0) For C8 and C6 inlet versions
4.11 (104.0) for C14 inlet versions
AC INPUT
IEC-320-C14 INLET
AC INPUT
IEC320-C8 INLET
0.02
(0.5)
1.22 (31.0)
0.02
(0.5)
1.22 (31.0)
0.02
(0.5)
1.22 (31.0)
AC INPUT
IEC320-C6 INLET
(Optional C6 Version)
(Optional C2 Version)
4.21 (107.0)
0.02 (0.5)
1.19 (30.1)
AC INPUT
IEC320-C14 INLET
Mechanical Details


Similar Part No. - VEH40US12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VEH40US12-L6 XPPOWER-VEH40US12-L6 Datasheet
557Kb / 4P
   AC-DC Power Supplies
VEH40US12-L6 XPPOWER-VEH40US12-L6 Datasheet
557Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - VEH40US12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AFE220 XPPOWER-AFE220 Datasheet
338Kb / 2P
   Energy Efficiency Level V
VEB10US05 XPPOWER-VEB10US05 Datasheet
156Kb / 2P
   Energy Efficiency Level V
logo
HITRON ELECTRONICS CORP...
HEMP252G HITRON-HEMP252G_17 Datasheet
387Kb / 2P
   Energy Efficiency Level V
logo
XP Power Limited
AFM XPPOWER-AFM Datasheet
363Kb / 2P
   Energy Efficiency Level V
VEB15 XPPOWER-VEB15 Datasheet
130Kb / 2P
   Energy Efficiency Level V
AEL XPPOWER-AEL Datasheet
494Kb / 6P
   Energy Efficiency Level V
VEF XPPOWER-VEF Datasheet
364Kb / 2P
   Energy Efficiency Level V
AFM120PS12 XPPOWER-AFM120PS12 Datasheet
106Kb / 2P
   Energy Efficiency Level V
logo
ETA-USA
ZMB-SX-W5 ETA-USA-ZMB-SX-W5 Datasheet
2Mb / 2P
   65W Meets Energy Star efficiency level V
logo
HITRON ELECTRONICS CORP...
HEMG76 HITRON-HEMG76 Datasheet
227Kb / 2P
   Energy Efficiency Level VI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com