Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDL400PD1224 Datasheet(PDF) 1 Page - XP Power Limited

Part # SDL400PD1224
Description  Single & Dual Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDL400PD1224 Datasheet(HTML) 1 Page - XP Power Limited

  SDL400PD1224 Datasheet HTML 1Page - XP Power Limited SDL400PD1224 Datasheet HTML 2Page - XP Power Limited SDL400PD1224 Datasheet HTML 3Page - XP Power Limited SDL400PD1224 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
400 Watts
Single & Dual Outputs
Up to 700 W Peak Power
Fan Fail & Power Good Signals
Variable Speed Fan
Low Leakage Current Option
Fits 1U Applications
3 Year Warranty
SDL Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
•6 A at 90 VAC, 2.5 A at 230 VAC
Inrush Current
• Max 70 A at 230 VAC, 35 A at 115 VAC,
cold start
Power Factor
• EN61000-3-2 class A, >0.9
Earth Leakage Current
• <1.5 mA at 264 VAC, option ‘-L’ 500 µA
at 240 VAC
Input Protection
• T8 A/250 V fuse
Output
Output Voltage
• See tables
Output Voltage Trim
• ±5% on V1 (V2 of dual output models will
track by same % of adjustment)
Initial Set Accuracy
• ±1%
Minimum Load
• 1% on single output models,
10% on both output of dual output models
in order to maintain ripple & noise and
regulation specifications
Start Up Delay
• 1.5 s max at 115 VAC
Start Up Rise Time
• 50 ms typical
Hold Up Time
• 16 ms min at 75% of full load at 115 VAC
Line Regulation
• ±0.5%
Load Regulation
• ±1% for single outputs,
±3% V1, ±7% V2 for dual outputs
(except PD0512 version: ±5% on V1 and
±10% on V2)
Over/Undershoot
• 5% max
Transient Response
• ±5% max deviation, recovery to within
1% in 500 µs for a 50% load change
Ripple & Noise
• 1% pk-pk (see note 3)
Overvoltage Protection
• <130% on V1 recycle AC input to reset
Overload Protection
• 110-140%
Short Circuit Protection
• Trip & restart, auto recovery
Fan Supply
• <5V at 300mA with 1% load rising to 12-
13 V at 300mA with full load. Not available
on ‘-F’ & ‘-E’ versions with built-in fans
Remote On / Off
• Applying short circuit between inhibit pin
and signal return turns output off.
xppower.com
General
Efficiency
• Single output: 88% typical
Dual Output: 85% typical at 230 V & full
load
Isolation
• 3000 VAC Input to Output, 1500 VAC Input
to Ground, 250 VDC Output to Ground
Switching Frequency
• PFC, 68 kHz PFC, PWM: 55 kHz for single
output, & PD1224, 48 kHz for other parts.
Power Density
• 11.11 W/In3
Signals
• Fan Fail & Power Good
MTBF
• >100 kHrs to MIL-HDBK-217F,
at 25 °C GB
Environmental
Operating Temperature
• 0 °C to +70 °C, derate at 2.5%/°C from
+50 °C to +70 °C
Storage Temperature
• -20 °C to +85 °C
Operating Humidity
• 5-90%, non-condensing
Cooling
• ‘-F’ & ‘-E’ versions have built-in variable
speed fans, all other models require 15
CFM
Operating Altitude
• 3000 m
Shock
• 30 g, 11ms half sine, 6 axes
Vibration
• 2 g, 10-200 Hz, 3 axes
EMC & Safety
Emissions
• EN55022 Level B conducted & radiated
Harmonic Currents
• EN61000-3-2 class A
EN61000-3-2 class C for loads ≥30%
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3 Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria A
Surge
• EN61000-4-5, installation class 3
Perf Criteria A
Conducted Immunity
• EN61000-4-6, 3V Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms Perf Criteria A, B, B
Safety Approvals
• UL60950-1, CSA C22.2 No. 60950-1,
EN60950-1


Similar Part No. - SDL400PD1224

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SDL400 XPPOWER-SDL400 Datasheet
731Kb / 4P
   Single & Dual Outputs, Up to 700 W Peak Power, Fan Fail & Power Good Signals
logo
Extech Instruments Corp...
SDL400 EXTECH-SDL400_15 Datasheet
147Kb / 1P
   Light Meter/Datalogger
More results

Similar Description - SDL400PD1224

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCW15 WALL-LANCW15_16 Datasheet
276Kb / 5P
   Single and Dual Outputs
DCHF10W WALL-DCHF10W_16 Datasheet
177Kb / 4P
   Single and Dual Outputs
LANCUW8 WALL-LANCUW8_16 Datasheet
417Kb / 5P
   Single and Dual Outputs
LANCUW15 WALL-LANCUW15_16 Datasheet
232Kb / 5P
   Single and Dual Outputs
LANCW5 WALL-LANCW5_11 Datasheet
261Kb / 4P
   Single and Dual Outputs
ELANC WALL-ELANC_16 Datasheet
153Kb / 4P
   Single and Dual Outputs
DCMUA WALL-DCMUA_16 Datasheet
225Kb / 5P
   Single and Dual Outputs
DCREDUW20 WALL-DCREDUW20 Datasheet
438Kb / 5P
   Single and Dual Outputs
logo
XP Power Limited
ISP XPPOWER-ISP Datasheet
91Kb / 1P
   Single and Dual Regulated Outputs
logo
Emcore Corporation
6000-0IE1 EMCORE-6000-0IE1 Datasheet
819Kb / 6P
   Single or Dual Optical Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com