Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHP1000PS28 Datasheet(PDF) 7 Page - XP Power Limited

Part # SHP1000PS28
Description  420 W High Line Output Power
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SHP1000PS28 Datasheet(HTML) 7 Page - XP Power Limited

Back Button SHP1000PS28 Datasheet HTML 3Page - XP Power Limited SHP1000PS28 Datasheet HTML 4Page - XP Power Limited SHP1000PS28 Datasheet HTML 5Page - XP Power Limited SHP1000PS28 Datasheet HTML 6Page - XP Power Limited SHP1000PS28 Datasheet HTML 7Page - XP Power Limited SHP1000PS28 Datasheet HTML 8Page - XP Power Limited SHP1000PS28 Datasheet HTML 9Page - XP Power Limited SHP1000PS28 Datasheet HTML 10Page - XP Power Limited SHP1000PS28 Datasheet HTML 11Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
xppower.com
7
Environmental
Temperature Derating Curve
Fan Speed Control
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+70
°C
See derating curve, fig 10.
Storage Temperature
-40
+85
°C
Cooling
Integral variable speed fan load dependant.
See fig 11.
Humidity
5
95
%RH
Non-condensing
Operating Altitude
3000
m
Shock
3 x 30 g/11 ms shocks in both +ve & -ve
directions along the 3 orthogonal axis,
total 18 shocks. EN60068-2-27 &
EN60068-2-47.
Vibration
Single axis 10-500 Hz at 2 g x 10 sweeps.
EN60068-2-6.
Electromagnetic Compatibility - Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Low Voltage PSU EMC
EN61204-3
High severity level
as below
Harmonic Current
EN61000-3-2
Class A
ESD
EN61000-4-2
3
A
Radiated
EN61000-4-3
3
A
EFT
EN61000-4-4
3
A
Surges
EN61000-4-5
Installation class 3
A
Conducted
EN61000-4-6
3
A
Dips and Interruptions
EN61000-4-11
Dip: 20% 5000 ms
A
Dip: 30% 500 ms
A
Dip: 60% 200 ms
B
Dip: 100% 5000 ms
B
SEMI F47
Compliant
Figure 10
Figure 11
-40
-20
0
+70
+50
50
100
Ambient Temperature (ºC)
0
0
0
100
25
10
50
75
100
Output Power (%)


Similar Part No. - SHP1000PS28

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SHP1000PS28 XPPOWER-SHP1000PS28 Datasheet
654Kb / 5P
   350-1200 Watts SHP Series
SHP1000PS28 XPPOWER-SHP1000PS28 Datasheet
360Kb / 5P
   3501200 Watts
More results

Similar Description - SHP1000PS28

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC600 BEL-MBC600 Datasheet
713Kb / 11P
   600 W standard, 420 W convection cooled
ABC600 BEL-ABC600_V01 Datasheet
711Kb / 12P
   600 W standard, 420 W convection cooled
logo
Infineon Technologies A...
PTFA041501GL INFINEON-PTFA041501GL_09 Datasheet
502Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420-500 MHz
Rev. 03, 2009-04-21
PTFA041501E INFINEON-PTFA041501E Datasheet
437Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20
PTFA041501GL INFINEON-PTFA041501GL Datasheet
424Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 02, 2008-11-21
logo
NEC
UPD160062 NEC-UPD160062 Datasheet
217Kb / 18P
   420-OUTPUT TFT-LCD SOURCE DRIVER
logo
Infineon Technologies A...
PXAD184218FV INFINEON-PXAD184218FV Datasheet
339Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2016-12-07
logo
ANADIGICS, Inc
ACA2404 ANADIGICS-ACA2404 Datasheet
272Kb / 12P
   High Output Power Doubler Line Amplifier
logo
WOLFSPEED, INC.
PXAD184218FV WOLFSPEED-PXAD184218FV Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 – 1880 MHz
Rev. 04, 2023-06-26
logo
Cree, Inc
PXAD184218FV CREE-PXAD184218FV Datasheet
465Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com