Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5103EVM Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5103EVM
Description  1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5103EVM Datasheet(HTML) 4 Page - Texas Instruments

  ADS5103EVM Datasheet HTML 1Page - Texas Instruments ADS5103EVM Datasheet HTML 2Page - Texas Instruments ADS5103EVM Datasheet HTML 3Page - Texas Instruments ADS5103EVM Datasheet HTML 4Page - Texas Instruments ADS5103EVM Datasheet HTML 5Page - Texas Instruments ADS5103EVM Datasheet HTML 6Page - Texas Instruments ADS5103EVM Datasheet HTML 7Page - Texas Instruments ADS5103EVM Datasheet HTML 8Page - Texas Instruments ADS5103EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADS5102
ADS5103
SLAS351B – OCTOBER 2001 – REVISED DECEMBER 2001
4
www.ti.com
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage:
VDD to AGND, DVDD to DGND
–0.3 V to 2.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DRVDD to DRGND
–0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AGND to DGND
–0.3 V to 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AVDD to DVDD
–2.2 V to 2.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference voltage input range REFT, REFB, to AGND
–0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
CML, analog input voltage range AIN to AGND
–0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Clock input CLK to DRGND
–0.3 V to DRVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital inputs to DRGND
–0.3 V to DRVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital outputs to DRGND
–0.3 V to DRVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
0
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
TYP
MAX
UNIT
Analog Inputs
Analog input voltage (AIN+, AIN–)
REFB
REFT
V
Input voltage, differential full scale
1
Vpp
Input common-mode voltage, (REFT+REFB)/2
0.8
1.1
V
Input capacitance (Ci), measured to ground
5
pF
Overvoltage recovery time, 1.8-V input voltage
10
ns
Analog input bandwidth
950
MHz
Input impedance (switch capacitor)
ADS5102
38.5
k
Input impedance (switch capacitor)
ADS5103
62.5
k
Supplies and References
Operating free-air temperature, TA
–40
85
°C
Analog supply voltage, AVDD
1.65
1.80
2.00
V
Digital supply voltage, DVDD
1.65
1.80
2.00
V
Digital driver supply voltage, DRVDD
1.65
1.80
3.6
V
Reference top voltage, VREFT
1.30
1.34
1.39
V
Reference bottom voltage, VREFB
0.78
0.81
0.84
V
Common-mode voltage, VCML
0.85
1.05
1.15
V
Bandgap voltage, VBG
1.22
1.27
1.32
V
Clock Inputs CLK
Sampling rate
ADS5102
1
65
MSPS
Sampling rate
ADS5103
1
40
MSPS


Similar Part No. - ADS5103EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120CGHK TI-ADS5120CGHK Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120CGHK TI1-ADS5120CGHK Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120CZHK TI1-ADS5120CZHK Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5103EVM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649_17 Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com