Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP40102ETRU Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KP40102ETRU
Description  4PIN PHOTODARLINGTON PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP40102ETRU Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KP40102ETRU Datasheet HTML 1Page - COSMO  Electronics Corporation KP40102ETRU Datasheet HTML 2Page - COSMO  Electronics Corporation KP40102ETRU Datasheet HTML 3Page - COSMO  Electronics Corporation KP40102ETRU Datasheet HTML 4Page - COSMO  Electronics Corporation KP40102ETRU Datasheet HTML 5Page - COSMO  Electronics Corporation KP40102ETRU Datasheet HTML 6Page - COSMO  Electronics Corporation KP40102ETRU Datasheet HTML 7Page - COSMO  Electronics Corporation KP40102ETRU Datasheet HTML 8Page - COSMO  Electronics Corporation KP40102ETRU Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P20001.2
- 5 -
http://www.cosmo-ic.com
cosmo
KP4010 Series
4PIN PHOTODARLINGTON
PHOTOCOUPLER
Fig.6 Collector Current
Fig.7 Relative Current Transfer Ratio
vs. Collector-Emitter Voltage
vs. Ambient Temperature
0
0
1
2
0.5mA
3
4
1mA
5
3mA
200
I =10mA
100
F
5mA
Ta=25'C
1.5mA
2mA
2.5mA
- 2 5
0
0
5 0
2 5
5 0
1 1 5
7 5
I = 1 m A
V
= 2 V
1 5 0
1 0 0
F
C E
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (
)
Fig.8 Collector-Emitter Saturation
Fig.9 Response Time (Rise)
Voltage vs. Forward Current
vs. Load Resistance
0
5
0
1 0
1
2
3
5
4
6
7
C
T a = 2 5 °
Ic= 7 m A
Ic = 5 m A
Ic= 3 m A
Ic= 1 m A
Ic= 0 .5 m A
1 0
1
0 .1
tr
0 .5
0 .2
0 .1
1
2
5
1 0
2 0
1 0 0
5 0
Ic = 2 m A
V
= 2 V
T a = 2 5 ° C
C E
Forward Current IF (mA)
Load Resistance RL (KΩ)
Fig.10 Response Time (Fall)
vs. Load Resistance
1 0
0 . 1
1
0 .1
0 .2
1
0 .5
5
2
2 0
1 0
T a = 2 5 °
Ic = 2 m A
V
= 2 V
1 0 0
5 0
C
t f
C E
Load Resistance RL (KΩ)


Similar Part No. - KP40102ETRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP4010 COSMO-KP4010 Datasheet
249Kb / 2P
   High Reliability Photo Coupler
KP4010 COSMO-KP4010 Datasheet
57Kb / 1P
   ELECTRONICS CORPORATION
KP4010H COSMO-KP4010H Datasheet
98Kb / 6P
   High Reliability Photocoupler
KP4010L COSMO-KP4010L Datasheet
125Kb / 6P
   High Reliability Photocoupler
KP4010S COSMO-KP4010S Datasheet
99Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - KP40102ETRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC815 COSMO-KPC815_15 Datasheet
287Kb / 11P
   4PIN PHOTODARLINGTON PHOTOCOUPLER
KPS2806 COSMO-KPS2806_15 Datasheet
228Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KT1400 COSMO-KT1400_16 Datasheet
178Kb / 10P
   4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KPS2832 COSMO-KPS2832_15 Datasheet
221Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KT1200 COSMO-KT1200_16 Datasheet
319Kb / 10P
   4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KT1410 COSMO-KT1410_16 Datasheet
223Kb / 10P
   4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KT1210 COSMO-KT1210_16 Datasheet
319Kb / 10P
   4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KPS2802 COSMO-KPS2802_15 Datasheet
222Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KPC452 COSMO-KPC452_15 Datasheet
215Kb / 10P
   4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPC355NT COSMO-KPC355NT_15 Datasheet
215Kb / 10P
   4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com