Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP40103BTRU Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KP40103BTRU
Description  4PIN PHOTODARLINGTON PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP40103BTRU Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KP40103BTRU Datasheet HTML 1Page - COSMO  Electronics Corporation KP40103BTRU Datasheet HTML 2Page - COSMO  Electronics Corporation KP40103BTRU Datasheet HTML 3Page - COSMO  Electronics Corporation KP40103BTRU Datasheet HTML 4Page - COSMO  Electronics Corporation KP40103BTRU Datasheet HTML 5Page - COSMO  Electronics Corporation KP40103BTRU Datasheet HTML 6Page - COSMO  Electronics Corporation KP40103BTRU Datasheet HTML 7Page - COSMO  Electronics Corporation KP40103BTRU Datasheet HTML 8Page - COSMO  Electronics Corporation KP40103BTRU Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P20001.2
- 2 -
http://www.cosmo-ic.com
cosmo
KP4010 Series
4PIN PHOTODARLINGTON
PHOTOCOUPLER
Outside Dimension
Unit : mm
13.00°
0.25
13.00°
1.20
0.50
2.54
7.62
6.50
4.60
KP40101X
10.00±0.4
1.00
1.20
2.54
6.50
7.62
0
~10°
4.60
KP40102X
6.50
7.62
0.25
4.60
1.20
0.50
2.54
KP40103X
0
~10°
4.60
1.20
2.54
6.50
7.62
10.16
0.90±0.25
0.90±0.25
11.80
+0.2
-0.5
KP40106X
TOLERANCE:±0.2mm
10.16±0.50
1.Dual-in-line type.
2.Surface mount type.
3.Long creepage distance type
4.Long creepage distance
for surface mount type.
Device Marking
Notes:
cosmo
4010
YWW
Y: Year code / WW: Week code
□: CTR rank
cosmo
4010
YWW


Similar Part No. - KP40103BTRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP4010 COSMO-KP4010 Datasheet
249Kb / 2P
   High Reliability Photo Coupler
KP4010 COSMO-KP4010 Datasheet
57Kb / 1P
   ELECTRONICS CORPORATION
KP4010H COSMO-KP4010H Datasheet
98Kb / 6P
   High Reliability Photocoupler
KP4010L COSMO-KP4010L Datasheet
125Kb / 6P
   High Reliability Photocoupler
KP4010S COSMO-KP4010S Datasheet
99Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - KP40103BTRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC815 COSMO-KPC815_15 Datasheet
287Kb / 11P
   4PIN PHOTODARLINGTON PHOTOCOUPLER
KPS2806 COSMO-KPS2806_15 Datasheet
228Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KT1400 COSMO-KT1400_16 Datasheet
178Kb / 10P
   4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KPS2832 COSMO-KPS2832_15 Datasheet
221Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KT1200 COSMO-KT1200_16 Datasheet
319Kb / 10P
   4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KT1410 COSMO-KT1410_16 Datasheet
223Kb / 10P
   4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KT1210 COSMO-KT1210_16 Datasheet
319Kb / 10P
   4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KPS2802 COSMO-KPS2802_15 Datasheet
222Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KPC452 COSMO-KPC452_15 Datasheet
215Kb / 10P
   4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPC355NT COSMO-KPC355NT_15 Datasheet
215Kb / 10P
   4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com