Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1761-CS14 Datasheet(PDF) 11 Page - Analog Devices

Part # AIC1761-CS14
Description  BATTERY CHARGE CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AIC1761-CS14 Datasheet(HTML) 11 Page - Analog Devices

Back Button AIC1761-CS14 Datasheet HTML 7Page - Analog Devices AIC1761-CS14 Datasheet HTML 8Page - Analog Devices AIC1761-CS14 Datasheet HTML 9Page - Analog Devices AIC1761-CS14 Datasheet HTML 10Page - Analog Devices AIC1761-CS14 Datasheet HTML 11Page - Analog Devices AIC1761-CS14 Datasheet HTML 12Page - Analog Devices AIC1761-CS14 Datasheet HTML 13Page - Analog Devices AIC1761-CS14 Datasheet HTML 14Page - Analog Devices AIC1761-CS14 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AIC1761/1766
BATTERY CHARGE CONTROLLER
SPEC NO: DS-1761-02
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
11
3.
If the battery charge current is high, say, over
1.5A, quality of circuit board layout and wiring
connection points become increasingly im-
portant in the charger circuit reliability.
4.
Critical components need to meet adequate
rating to prevent heating-up of these compo-
nents from causing circuit malfunction.
5.
Since the AIC1761/1766 is fabricated with
CMOS process, cares must be taken in han-
dling this device to avoid possible damage
from electro-static discharge.
EXPERIMENTAL RESULTS
Experiments have been conducted to verify the
AIC1761/1766 operation with NiCd and NiMH
battery cells of various brands. Actual results
shown in the following figures clearly indicate that
the negative delta voltage detector and the peak
voltage timer of the AIC1761/1766 have precisely
detected the tiny cell voltage drops or the cell volt-
age peaks and subsequently terminated the fast
charge process after batteries are fully charged.
The battery cell temperatures were all under
safety levels. Note that the fast charge for the
NiMH battery in Fig. 5 is terminated by the peak
voltage timer (0V
∆ ) while the fast charge for the
NiCd
battery in Fig. 6 is terminated by the -
∆V
detector.
Charge Time (min.)
0
20
40
60
80
1.2
1.3
1.4
1.5
1.6
Temperature
Voltage
Charge Current = 1A
Cell Capacity = 1000mAH
20
30
40
50
60
AIC1766
AIC1766
Fig. 5
Charge Characteristics of NiMH Battery
Both Fig. 5 and Fig. 6 were obtained by using the
AIC1766. Results of similar experiments by using the
AIC1761 are shown in Fig. 7 and Fig.8.
Charge Time (min.)
20
30
40
50
60
0
20
40
60
80
1.3
1.4
1.5
1.6
1.7
Temperature
Voltage
Charge Current=0.7A
Cell Capacity=700mAH
AIC1766
Fig. 6
Charge Characteristics of NiCd Battery
Charge Time (min.)
010
20
30
40
50
60
70
1.2
1.3
1.4
1.5
1.6
20
30
40
50
60
Temperature
Voltage
AIC1761
Charge Current = 1A
Cell Capacity =1000mAH
Fig. 7
Charge Characteristics of NiMH Battery
020
40
60
80
1.3
1.4
1.5
1.6
1.7
Charge Time (min.)
20
30
40
50
60
Voltage
Temperature
Charge Current=0.7A
Cell Capacity=700mAH
AIC1761
Fig. 8
Charge Characteristics of NiCd Battery


Similar Part No. - AIC1761-CS14

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
AIC1702 AIC-AIC1702 Datasheet
686Kb / 15P
   Load Regulation, typical - 2mV
AIC1714 AIC-AIC1714 Datasheet
162Kb / 5P
   Negative Voltage Regulator
AIC1714-30CX AIC-AIC1714-30CX Datasheet
162Kb / 5P
   Negative Voltage Regulator
AIC1714-30CZ AIC-AIC1714-30CZ Datasheet
162Kb / 5P
   Negative Voltage Regulator
More results

Similar Description - AIC1761-CS14

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
   BATTERY CHARGE CONTROLLER
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
   Battery Charge Controller
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
   Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
   Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
   Battery Charge Controller
AIC1782 AIC-AIC1782 Datasheet
361Kb / 17P
   Dual-Battery Charge Controller
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
   Battery Monitor and Charge Controller
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com