Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPC6N139HTL Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KPC6N139HTL
Description  8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC6N139HTL Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KPC6N139HTL Datasheet HTML 1Page - COSMO  Electronics Corporation KPC6N139HTL Datasheet HTML 2Page - COSMO  Electronics Corporation KPC6N139HTL Datasheet HTML 3Page - COSMO  Electronics Corporation KPC6N139HTL Datasheet HTML 4Page - COSMO  Electronics Corporation KPC6N139HTL Datasheet HTML 5Page - COSMO  Electronics Corporation KPC6N139HTL Datasheet HTML 6Page - COSMO  Electronics Corporation KPC6N139HTL Datasheet HTML 7Page - COSMO  Electronics Corporation KPC6N139HTL Datasheet HTML 8Page - COSMO  Electronics Corporation KPC6N139HTL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P51005.2
- 4 -
http://www.cosmo-ic.com
cosmo
KPC6N139 Series
8PIN HIGH-SPEED DARLINGTON OUTPUT
PHOTOCOUPLER
Switching Characteristics
(Ta=25℃ ,Vcc=5V)
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
*8 Propagation delay time
Output (1)-->(0)
tPHL
RL=4.7KΩ, IF=0.5mA
-
5
25
uS
RL=270Ω, IF=12mA
-
0.3
1
uS
*8 Propagation delay time
Output (0)-->(1)
tPLH
RL=4.7KΩ, IF=0.5mA
-
10
60
uS
RL=270Ω, IF=12mA
-
1.5
7
uS
*9 Instantaneous common
*10 mode rejection voltage
"Output (1)"
CMH
IF=0, VCM=10VP-P,
RL=2.2KΩ
-
500
-
V/uS
*9 Instantaneous common
*10 mode rejection voltage
"Output (0)"
CML
IF=1.6mA, VCM=10VP-P,
RL=2.2KΩ
-
-500
-
V/uS
*9 Instantaneous common mode rejection voltage “ output (1) “ represents
a common mode voltage variation that can hold the output above (1) level ( Vo > 2.0V )
*10 Instantaneous common mode rejection voltage “ output (0) “ represents
a common mode voltage variation that can hold the output above (0) level ( Vo < 0.8V )
*8 Test Circuit for Propagation Delay time
8
7
6
5
I
100Ω
I
monitor
F
= 1/10
Duty ratio
Pulse input
4
3
2
F
1
C =15pF
L
R
L
Vo
Vcc
tPHL
Vo
1.5V
0
F
I
tPLH
1.5V
5V
*10 Test Circuit for Instantaneous Common Mode Rejection Voltage
5
6
7
8
4
FF
V
B
+
VCM
-
I
A
2
3
F
1
RL
Vo
Vcc=5V
F
I =16mA
CM
Vo
L
0.8V
VOL
I =0
F
0V
CM
Vo
H
CM
V
10V
tr
10%
90%
10%
tf
2V
5V
90%


Similar Part No. - KPC6N139HTL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC6N139H COSMO-KPC6N139H Datasheet
172Kb / 5P
   General Purpose Type Photocoupler
More results

Similar Description - KPC6N139HTL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC6N138 COSMO-KPC6N138_15 Datasheet
338Kb / 11P
   8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
KPC6N136 COSMO-KPC6N136_15 Datasheet
337Kb / 11P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N135 COSMO-KPC6N135_15 Datasheet
345Kb / 11P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N137 COSMO-KPC6N137_16 Datasheet
331Kb / 12P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC825 COSMO-KPC825_15 Datasheet
282Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KP3020 COSMO-KP3020_15 Datasheet
286Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP1020 COSMO-KP1020_15 Datasheet
281Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4020 COSMO-KP4020_15 Datasheet
280Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KPC410 COSMO-KPC410_16 Datasheet
185Kb / 10P
   5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC457 COSMO-KPC457_15 Datasheet
200Kb / 10P
   5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com