Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPC6N137STR Datasheet(PDF) 6 Page - COSMO Electronics Corporation

Part # KPC6N137STR
Description  8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC6N137STR Datasheet(HTML) 6 Page - COSMO Electronics Corporation

Back Button KPC6N137STR Datasheet HTML 2Page - COSMO  Electronics Corporation KPC6N137STR Datasheet HTML 3Page - COSMO  Electronics Corporation KPC6N137STR Datasheet HTML 4Page - COSMO  Electronics Corporation KPC6N137STR Datasheet HTML 5Page - COSMO  Electronics Corporation KPC6N137STR Datasheet HTML 6Page - COSMO  Electronics Corporation KPC6N137STR Datasheet HTML 7Page - COSMO  Electronics Corporation KPC6N137STR Datasheet HTML 8Page - COSMO  Electronics Corporation KPC6N137STR Datasheet HTML 9Page - COSMO  Electronics Corporation KPC6N137STR Datasheet HTML 10Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69P51003.3
- 6 -
http://www.cosmo-ic.com
cosmo
KPC6N137 Series
8PIN HIGH-SPEED OUTPUT
PHOTOCOUPLER
-40
-20
0
20
40
60
80
1
2
3
4
RL=4KΩ
RL=1KΩ
RL=350Ω
Condiction:
VCC=5V
VO=0.6V
Fig.1 Low Level Output Voltage
vs. Ambient Temperature
Fig.2 Forward Current
vs. Input Diode Forward Voltage
Ambient Temperature Ta (℃)
Forward Voltage VF (V)
Fig.3 Switching Time
VS
. Forward Current
Fig.4 Low Level Output Current
vs. Ambient Temperature
IF-Forward Current (mA)
Ambient Temperature Ta (℃)
Fig.5 Input Threshold Current
vs. Ambient Temperature
Fig.6 Output Voltage
vs. Input Forward Current
Ambient Temperature Ta (℃)
IF-Forward Current (mA)
57
9
11
13
15
0
20
40
60
80
100
120
RL=4KΩ(TPLH)
RL=1KΩ(TPLH)
RL=350Ω(TPLH)
RL=1KΩ
RL=4KΩ(TPLH)
RL=350KΩ
-40
-20
0
20
40
60
80
20
25
30
35
40
45
50
Condiction:
VCC=5V
VE=2V
VOL=0.6V
IF=15mA
IF=10mA
IF=5mA
01
2
3
45
0
1
2
3
4
5
6
6
RL=4KΩ
RL=350Ω
RL=1KΩ
-40
-20
0
20
40
60
80
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Condiction:
IF=5mA
VE=2V
VCC=5.5V
IOL=16mA
IOL=12.8mA
IOL=6.4mA
IOL=9.6mA


Similar Part No. - KPC6N137STR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC6N137S COSMO-KPC6N137S Datasheet
148Kb / 8P
   Super High Speed Response Photocoupler
More results

Similar Description - KPC6N137STR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC6N136 COSMO-KPC6N136_15 Datasheet
337Kb / 11P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N135 COSMO-KPC6N135_15 Datasheet
345Kb / 11P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N139 COSMO-KPC6N139_15 Datasheet
304Kb / 11P
   8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
KPC6N138 COSMO-KPC6N138_15 Datasheet
338Kb / 11P
   8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
KPC825 COSMO-KPC825_15 Datasheet
282Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KP3020 COSMO-KP3020_15 Datasheet
286Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP1020 COSMO-KP1020_15 Datasheet
281Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4020 COSMO-KP4020_15 Datasheet
280Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KPC410 COSMO-KPC410_16 Datasheet
185Kb / 10P
   5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC457 COSMO-KPC457_15 Datasheet
200Kb / 10P
   5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com