Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPC6N138HTL Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KPC6N138HTL
Description  8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC6N138HTL Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KPC6N138HTL Datasheet HTML 1Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 2Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 3Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 4Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 5Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 6Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 7Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 8Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P51004.2
- 2 -
http://www.cosmo-ic.com
cosmo
KPC6N138 Series
8PIN HIGH-SPEED DARLINGTON OUTPUT
PHOTOCOUPLER
Outside Dimension
Unit : mm
 Device Marking
Notes:
cosmo
6N138
YWW
Y: Year code / WW: Week code
cosmo
YWW
6N138
13.00
13.00
°
0.26
°
6.50
7.62
1.20
0.5
2.54
9.68
0.3
1.20
0.5
3.00
3.50
2.54
2.54
2.54
2.70
9.68
10.00
1.00
0.78
7.62
6.50
2.54
2.54
2.54
3.50
1.20
0.25
9.68
0
~10°
6.50
7.62
10.16
0.90± 0.25
0.90± 0.25
11.80+0.2
-0.5
TOLERANCE: ±0.2mm
2.54
2.54
2.54
3.50
1.20
0.25
9.68
1.Dual-in-line type
KPC6N138
2.Surface mount type
KPC6N138S
3.Long creepage distance type
KPC6N138H
4.Long creepage distance
for surface mount type
KPC6N138L


Similar Part No. - KPC6N138HTL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC6N138H COSMO-KPC6N138H Datasheet
157Kb / 7P
   General Purpose Type Photocoupler
More results

Similar Description - KPC6N138HTL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC6N139 COSMO-KPC6N139_15 Datasheet
304Kb / 11P
   8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
KPC6N136 COSMO-KPC6N136_15 Datasheet
337Kb / 11P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N135 COSMO-KPC6N135_15 Datasheet
345Kb / 11P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N137 COSMO-KPC6N137_16 Datasheet
331Kb / 12P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC825 COSMO-KPC825_15 Datasheet
282Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KP3020 COSMO-KP3020_15 Datasheet
286Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP1020 COSMO-KP1020_15 Datasheet
281Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4020 COSMO-KP4020_15 Datasheet
280Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KPC410 COSMO-KPC410_16 Datasheet
185Kb / 10P
   5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC457 COSMO-KPC457_15 Datasheet
200Kb / 10P
   5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com