Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPC6N137LTL Datasheet(PDF) 8 Page - COSMO Electronics Corporation

Part # KPC6N137LTL
Description  8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC6N137LTL Datasheet(HTML) 8 Page - COSMO Electronics Corporation

Back Button KPC6N137LTL Datasheet HTML 4Page - COSMO  Electronics Corporation KPC6N137LTL Datasheet HTML 5Page - COSMO  Electronics Corporation KPC6N137LTL Datasheet HTML 6Page - COSMO  Electronics Corporation KPC6N137LTL Datasheet HTML 7Page - COSMO  Electronics Corporation KPC6N137LTL Datasheet HTML 8Page - COSMO  Electronics Corporation KPC6N137LTL Datasheet HTML 9Page - COSMO  Electronics Corporation KPC6N137LTL Datasheet HTML 10Page - COSMO  Electronics Corporation KPC6N137LTL Datasheet HTML 11Page - COSMO  Electronics Corporation KPC6N137LTL Datasheet HTML 12Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69P51003.3
- 8 -
http://www.cosmo-ic.com
cosmo
KPC6N137 Series
8PIN HIGH-SPEED OUTPUT
PHOTOCOUPLER
Recommended Soldering Conditions
(a) Infrared reflow soldering:
Peak reflow soldering:
Time of peak reflow temperature:
Time of temperature higher than 230℃:
Time to preheat temperature from 180~190℃:
Time(s) of reflow:
Flux:
260℃ or below (package surface temperature)
10 sec
30-60 sec
60-120 sec
Two
Rosin flux containing small amount of chlorine (The
flux with a maximum chlorine content of 0.2 Wt% is
recommended.)
Recommended Temperature Profile of Infrared Reflow
18 0 ℃
19 0 ℃
23 0 ℃
26 0 ℃
60 -12 0 s ec
30 -60 s e c
t (s )
1 0 se c M a x.
(b) Wave soldering:
Temperature:
Time:
Preheating conditions:
Time(s) of reflow:
Flux:
260℃ or below (molten solder temperature)
10 seconds or less
120℃ or below (package surface temperature)
One
Rosin flux containing small amount of chlorine (The flux with a maximum
chlorine content of 0.2 Wt% is recommended.)
(c) Cautions:
Fluxes:
Avoid removing the residual flux with freon-based and chlorine-based
cleaning solvent.
Avoid shorting between portion of frame and leads.


Similar Part No. - KPC6N137LTL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC6N137 COSMO-KPC6N137 Datasheet
195Kb / 8P
   Super High Speed Response Photocoupler
KPC6N137H COSMO-KPC6N137H Datasheet
147Kb / 8P
   Super High Speed Response Photocoupler
KPC6N137S COSMO-KPC6N137S Datasheet
148Kb / 8P
   Super High Speed Response Photocoupler
More results

Similar Description - KPC6N137LTL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC6N136 COSMO-KPC6N136_15 Datasheet
337Kb / 11P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N135 COSMO-KPC6N135_15 Datasheet
345Kb / 11P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N139 COSMO-KPC6N139_15 Datasheet
304Kb / 11P
   8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
KPC6N138 COSMO-KPC6N138_15 Datasheet
338Kb / 11P
   8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
KPC825 COSMO-KPC825_15 Datasheet
282Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KP3020 COSMO-KP3020_15 Datasheet
286Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP1020 COSMO-KP1020_15 Datasheet
281Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4020 COSMO-KP4020_15 Datasheet
280Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KPC410 COSMO-KPC410_16 Datasheet
185Kb / 10P
   5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC457 COSMO-KPC457_15 Datasheet
200Kb / 10P
   5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com